Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS469N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS469N
Description  DM54LS469/DM74LS469 8-Bit Up/Down Counter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS469N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74LS469N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS469N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS469N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS469N Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLL8333
July 1989
DM54LS469DM74LS469 8-Bit UpDown Counter
General Description
The ‘LS469 is an 8-bit synchronous updown counter with
parallel load and hold capability Three function-select in-
puts (LD UD CBI) provide one of four operations which
occur synchronously on the rising edge of the clock (CK)
The LOAD operation loads the inputs (D7–D0) into the out-
put register (Q7–Q0) The HOLD operation holds the previ-
ous value regardless of clock transitions The INCREMENT
operation adds one to the output register when the carry-in
input is TRUE (CBIeLOW) otherwise the operation is a
HOLD The carry-out (CBO) is TRUE (CBOeLOW) when
the output register (Q7–Q0) is all HIGHs otherwise FALSE
(CBOeHIGH) The DECREMENT operation subtracts one
from the output register when the borrow-in input is TRUE
(CBIeLOW) otherwise the operation is a HOLD The bor-
row-out (CBO) is TRUE (CBOeLOW) when the output reg-
ister (Q7–Q0) is all LOWs otherwise FALSE (CBOeHIGH)
The output register (Q7–Q0) is enabled when OE is LOW
and disabled (HI-Z) when OE is HIGH The output drivers
will sink the 24 mA required for many bus-interface stan-
dards Two or more ‘LS469 octal updown counters may be
cascaded to provide larger counters
FeaturesBenefits
Y
8-bit updown counter for microprogram-counter DMA
controller and general-purpose counting applications
Y
8 bits matches byte boundaries
Y
Bus-structured pinout
Y
24-pin SKINNYDIP saves space
Y
TRI-STATE
outputs drive bus lines
Y
Low current PNP inputs reduce loading
Y
Expandable in 8-bit increments
Connection Diagram
Top View
TLL8333 – 1
Order Number DM54LS469J
DM74LS469J or DM74LS469N
See NS Package Number J24F or N24C
Standard Test Load
TLL8333 – 3
Function Table
OE CK LD UD CBI D7 – D0
Q7 – Q0
Operation
H
X
X
X
X
X
Z
HI-Z
L
u L
X
X
D
D
LOAD
L
u H
L
H
X
Q
HOLD
L
u H
L
L
X
Q plus 1
INCREMENT
L
u H H
H
X
Q
HOLD
L
u H H
L
X
Q minus 1 DECREMENT
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DM74LS469N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
8-Bit Up/Down Counter
More results

Similar Description - DM74LS469N

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4704 NEC-UPD4704 Datasheet
191Kb / 16P
EXTENSION 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
SN54-74LS669 ONSEMI-SN54-74LS669 Datasheet
74Kb / 4P
SYNCHRONOUS 4-BIT UP/DOWN COUNTER
logo
NXP Semiconductors
HEF40192B PHILIPS-HEF40192B Datasheet
129Kb / 9P
4-bit up/down decade counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
8-Bit Up/Down Counter
logo
ON Semiconductor
SN74LS669 ONSEMI-SN74LS669 Datasheet
132Kb / 4P
SYNCHRONOUS 4-BIT UP/DOWN COUNTER
July, 2006 ??Rev. 6
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
4-Bit Binary Up/Down Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com