Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0805X393DZGALTU Datasheet(PDF) 12 Page - Kemet Corporation

Part # C0805X393DZGALTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X393DZGALTU Datasheet(HTML) 12 Page - Kemet Corporation

Back Button C0805X393DZGALTU Datasheet HTML 8Page - Kemet Corporation C0805X393DZGALTU Datasheet HTML 9Page - Kemet Corporation C0805X393DZGALTU Datasheet HTML 10Page - Kemet Corporation C0805X393DZGALTU Datasheet HTML 11Page - Kemet Corporation C0805X393DZGALTU Datasheet HTML 12Page - Kemet Corporation C0805X393DZGALTU Datasheet HTML 13Page - Kemet Corporation C0805X393DZGALTU Datasheet HTML 14Page - Kemet Corporation C0805X393DZGALTU Datasheet HTML 15Page - Kemet Corporation C0805X393DZGALTU Datasheet HTML 16Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1070_C0G_HV_FT-CAP • 1/23/2014 12
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC – 3000VDC (Commerical & Automotive Grade)
Construction
Reference
Item
Material
A
Termination
System
Finish
100% Matte Sn SnPb (5% min)
B
Barrier Layer
Ni
C
Epoxy Layer
Ag
D
Base Metal
Cu
E
Inner Electrode
Ni
F
Dielectric Material
CaZrO
3
Note: Image is exaggerated in order to clearly identify all components of construction.
Capacitor Marking (Optional):
Laser marking option is not available on:
• C0G, Ultra Stable X8R and Y5V dielectric devices
• EIA 0402 case size devices
• EIA 0603 case size devices with Flexible Termination option.
• KPS Commercial and Automotive grade stacked devices.
These capacitors are supplied unmarked only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com