Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-VN7050AS Datasheet(PDF) 2 Page - STMicroelectronics

Part # EV-VN7050AS
Description  Thermal shutdown indication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EV-VN7050AS Datasheet(HTML) 2 Page - STMicroelectronics

  EV-VN7050AS Datasheet HTML 1Page - STMicroelectronics EV-VN7050AS Datasheet HTML 2Page - STMicroelectronics EV-VN7050AS Datasheet HTML 3Page - STMicroelectronics EV-VN7050AS Datasheet HTML 4Page - STMicroelectronics EV-VN7050AS Datasheet HTML 5Page - STMicroelectronics EV-VN7050AS Datasheet HTML 6Page - STMicroelectronics EV-VN7050AS Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
EV-VN7050AS
2/7
DocID026885 Rev 2
1
Description
This board provides you an easy way to connect STMicroelectronics
® VIPower® M0-7
technology into your existing system.
It comes pre-assembled with VN7050AS high-side driver. On board minimum set of
electrical components (as for device datasheet recommendation) is enabling the user to
directly connect the load, the power supply and the microcontroller without any additional
effort in external component design and connection.
The VN7050AS is a single channel high-side driver manufactured using ST proprietary
VIPower technology and housed in SO-8 package. The device is designed to drive 12 V
automotive grounded loads through a 3 V and 5 V CMOS-compatible interface and to
provide protection and diagnostics.
The device integrates also advanced protective functions such as load current limitation,
overload active management by power limitation and overtemperature shutdown.
A dedicated high precision proportional load current sense is available, in addition to the
detection of overload and short circuit to ground, short to VCC and OFF-state open-load.
A sense enable pin allows OFF-state diagnosis to be disabled during the module low-
power mode as well as external sense resistor sharing among similar devices.
Figure 1: Evaluation board schematic
J4
J1
Vbat
Vbat
C1
100nF
PGND
PGND
D1
ES1DL
Out
LED
J2
C2
10nF
R8
2k2
R7
4K7
R3 15K
+5V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
J3
CON18
IN
S_EN
MultiSense
R1 15K
IN
Rsense
MultiSense
S_EN
R6 15K
Cext
1
TP2
1
TP1
SEn
2
GND
3
INPUT
1
VCC
8
OUTPUT
7
OUTPUT
6
VCC
5
MultiSense
4
U1
SO-8
Vbat
Vbat
R_UP
In_PullUP
In_PullUP
PGND
PGND
PGND
PGND
PGND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com