Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS7640 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7640
Description  Quad NOR Unified Bus Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7640 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS7640 Datasheet HTML 1Page - National Semiconductor (TI) DS7640 Datasheet HTML 2Page - National Semiconductor (TI) DS7640 Datasheet HTML 3Page - National Semiconductor (TI) DS7640 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Input Voltage
55V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1308 mW
Molded Package
1207 mW
Lead Temperature (Soldering 4 seconds)
260 C
Derate cavity package 87 mW C above 25 C derate molded package
97 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
DS7640
45
55
V
DS8640
475
525
V
Temperature (TA)
DS7640
b
55
a
125
C
DS8640
0
a
70
C
Electrical Characteristics
The following apply for VMIN s VCC s VMAX TMIN s TA s TMAX unless otherwise specified (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High Level Input Threshold
VOUT e VOL
DS7640
180
150
V
DS8640
170
150
V
VIL
Low Level Input Threshold
VOUT e VOH
DS7640
150
120
V
DS8640
150
130
V
IIH
Maximum Input Current
VIN e 4V
VCC e VMAX
30
80
m
A
VCC e0V
10
50
m
A
IIL
Maximum Input Current
VIN e 04V VCC e VMAX
10
50
m
A
VOH
Output Voltage
IOH eb400 mA VIN e VIL
24
V
VOL
Output Voltage
IOL e 16 mA VIN e VIH
025
04
V
IOS
Output Short Circuit Current
VIN e 05V VOS e 0V VCC e VMAX (Note 4)
b
18
b
55
mA
ICC
Power Supply Current
VIN e 4V (Per Package)
25
40
mA
Switching Characteristics TA e 25 C nominal power supplies unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delays
(Notes 5 and 6)
Input to Logic ‘‘1’’ Output
10
23
35
ns
Input to Logic ‘‘0’’ Output
10
15
30
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS7640 and across the 0 Cto a70 C range for
the DS8640 All typical values are TA e 25 C and VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
Only one output at a time should be shorted
Note 5
Fan-out of 10 load CLOAD e 15 pF total measured from VIN e 15V to VOUT e 15V VIN e 0V to 3V pulse
Note 6
Apply to VCC e 5V TA e 25 C
http
www nationalcom
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com