Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C373 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C373
Description  Octal D-Type Latch Octal D-Type Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C373 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C373 Datasheet HTML 1Page - National Semiconductor (TI) MM54C373 Datasheet HTML 2Page - National Semiconductor (TI) MM54C373 Datasheet HTML 3Page - National Semiconductor (TI) MM54C373 Datasheet HTML 4Page - National Semiconductor (TI) MM54C373 Datasheet HTML 5Page - National Semiconductor (TI) MM54C373 Datasheet HTML 6Page - National Semiconductor (TI) MM54C373 Datasheet HTML 7Page - National Semiconductor (TI) MM54C373 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5906
March 1988
MM54C373MM74C373 TRI-STATE
Octal D-Type Latch
MM54C374MM74C374 TRI-STATE Octal D-Type Flip-Flop
General Description
The MM54C373MM74C373 MM54C374MM74C374 are
integrated complementary MOS (CMOS) 8-bit storage ele-
ments with TRI-STATE outputs These outputs have been
specially designed to drive high capacitive loads such as
one might find when driving a bus and to have a fan out of 1
when driving standard TTL When a high logic level is ap-
plied to the OUTPUT DISABLE input all outputs go to a high
impedance state regardless of what signals are present at
the other inputs and the state of the storage elements
The MM54C373MM74C373 is an 8-bit latch When LATCH
ENABLE is high the Q outputs will follow the D inputs
When LATCH ENABLE goes low data at the D inputs
which meets the set-up and hold time requirements will be
retained at the outputs until LATCH ENABLE returns high
again
The MM54C374MM74C374 is an 8-bit D-type positive-
edge triggered flip-flop Data at the D inputs meeting the
set-up and hold time requirements is transferred to the Q
outputs on positive-going transitions of the CLOCK input
Both the MM54C373MM74C373 and the MM54C374
MM74C374 are being assembled in 20-pin dual-in-line pack-
ages with 0300
pin centers
Features
Y
Wide supply voltage range
3V to 15V
Y
High noise immunity
045 VCC (typ)
Y
Low power consumption
Y
TTL compatibility
Fan out of 1
driving standard TTL
Y
Bus driving capability
Y
TRI-STATE outputs
Y
Eight storage elements in one package
Y
Single CLOCKLATCH ENABLE and OUTPUT
DISABLE control inputs
Y
20-pin dual-in-line package with 0300
centers takes
half the board space of a 24-pin package
Connection Diagrams
MM54C373MM74C373
Dual-In-Line Package
TLF5906 – 1
Top View
Order Number MM54C373 or MM74C373
MM54C374MM74C374
Dual-In-Line Package
TLF5906 – 2
Top View
Order Number MM54C374 or MM74C374
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C32 NSC-MM54C32 Datasheet
102Kb / 4P
Quad 2-Input OR Gate
MM54C32J NSC-MM54C32J Datasheet
102Kb / 4P
Quad 2-Input OR Gate
MM54C32N NSC-MM54C32N Datasheet
102Kb / 4P
Quad 2-Input OR Gate
More results

Similar Description - MM54C373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
OCTAL D TYPE FLIP FLOP
Feb-1993
logo
Fairchild Semiconductor
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
National Semiconductor ...
MM54HCT573 NSC-MM54HCT573 Datasheet
127Kb / 6P
TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
OCTAL D TYPE FLIP FLOP
Jul-2001
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com