Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74C240 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C240
Description  Octal Buffers and Line Drivers with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C240 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C240 Datasheet HTML 1Page - National Semiconductor (TI) MM74C240 Datasheet HTML 2Page - National Semiconductor (TI) MM74C240 Datasheet HTML 3Page - National Semiconductor (TI) MM74C240 Datasheet HTML 4Page - National Semiconductor (TI) MM74C240 Datasheet HTML 5Page - National Semiconductor (TI) MM74C240 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPD(1) tPD(0)
Propagation Delay
(Data In to Out)
MM54C240MM74C240
VCC e 5V CL e 50 pF
60
90
ns
VCC e 10V CL e 50 pF
40
70
ns
VCC e 5V CL e 150 pF
80
110
ns
VCC e 10V CL e 150 pF
60
90
ns
MM54C244MM74C244
VCC e 5V CL e 50 pF
45
70
ns
VCC e 10V CL e 50 pF
25
50
ns
VCC e 5V CL e 150 pF
60
90
ns
VCC e 10V CL e 150 pF
40
70
ns
t1H t0H
Propagation Delay Output
RL e 1k CL e 50 pF
Disable to High Impedance
VCC e 5V
45
80
ns
State (from a Logic Level)
VCC e 10V
35
60
ns
tH1 tH0
Propagation Delay Output
RL e 1k CL e 50 pF
Disable to Logic Level
VCC e 5V
50
90
ns
(from High Impedance State)
VCC e 10V
30
60
ns
tT(HL) tT(LH)
Transition Time
VCC e 5V CL e 50 pF
45
80
ns
VCC e 10V CL e 50 pF
30
60
ns
VCC e 5V CL e 150 pF
75
140
ns
VCC e 10V CL e 150 pF
50
100
ns
CPD
Power Dissipation
(Note 3)
Capacitance
(Output Enabled per Buffer)
MM54C240MM74C240
100
pF
MM54C244MM74C244
100
pF
(Output Disabled per Buffer)
MM54C240MM74C240
10
pF
MM54C244MM74C244
0
pF
CIN
Input Capacitance
VIN e 0V f e 1 MHz TA e 25 C
10
pF
(Any Input)
CO
Output Capacitance
VIN e 0V f e 1 MHz TA e 25 C
10
pF
(Output Disabled)
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Range’’ they are not
meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application Note
AN-90
Typical Application
TLF5905 – 5
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com