Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF0405 Datasheet(PDF) 5 Page - TEMEX

Part # CIF0405
Description  Digital pulse compression module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF0405 Datasheet(HTML) 5 Page - TEMEX

  CIF0405 Datasheet HTML 1Page - TEMEX CIF0405 Datasheet HTML 2Page - TEMEX CIF0405 Datasheet HTML 3Page - TEMEX CIF0405 Datasheet HTML 4Page - TEMEX CIF0405 Datasheet HTML 5Page - TEMEX CIF0405 Datasheet HTML 6Page - TEMEX CIF0405 Datasheet HTML 7Page - TEMEX CIF0405 Datasheet HTML 8Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Digital pulse compression module
CI F04 / CI F05 Compressor
Oct 16
th, 2015
CI F04 / CI F05 Compressor Revision A4
5 / 8
www.rakon.com
3
CI F04 compressor operation Performances
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note: Values given bellow are typical values given as a rough guide. Depending on the required parameters
(B, T,…) other limitations may rise, e.g. side lobe levels highly depends on bandwidth (B) and time dispersion
(T), τ-3dB highly depends on bandwidth (B), …
3.1
Center frequency (F0)
100 –
B/2
MHz
3.2
Maximum bandwidth (B)
45
MHz
Maximum time dispersion (T)
3.3
B < 3 MHz
950
µs
3.4
B < 7 MHz
170
µs
3.5
B < 20 MHz
17
µs
3.6
Minimum compressed pulse width @ -3
dB (τ-3dB)
35
ns
3.7
Side lobe level (SLL)
35 to
45
dB
3.8
Minimal Compressor delay (TC)
Measured from the center of
the input chirp, to the center
of the compressed pulse
output
T/2 +
2.5
µs
3.9
Maximal additional Compressor delay
(TC)
Measured from the center of
the input chirp, to the center
of the compressed pulse
output
1
ms
3.10
CW Insertion loss @ F0
10
dB
3.11
Modulation slope
Up-chirp / Down-chirp
3.12
Modulation type
Linear / Non linear



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com