Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # KTA1663
Description  PNP Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KTA1663 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  KTA1663 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KTA1663 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KTA1663 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited KTA1663 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
PNP Silicon Epitaxial Planar Transistor
KTA1663
E092
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA,IE=0
-30
V
Collector-emitter breakdown voltage V(BR)CEO
IC=-10mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-2V,IC=-500mA
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=-1.5A, IB= -0.03A
-2.0
V
Base-emitter voltage
VBE
VCE=-2V ,IC=-500mA
-1.0
V
Transition frequency
fT
VCE=-2V, IC= -500mA
120
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
50
pF
CLASSIFICATION OF hFE(1)
Rank
O
Y
Range
100-200
160-320
MARKING
HO
HY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com