Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNO3200B3 Datasheet(PDF) 2 Page - TEMEX

Part # LNO3200B3
Description  Low Noise Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

LNO3200B3 Datasheet(HTML) 2 Page - TEMEX

  LNO3200B3 Datasheet HTML 1Page - TEMEX LNO3200B3 Datasheet HTML 2Page - TEMEX LNO3200B3 Datasheet HTML 3Page - TEMEX LNO3200B3 Datasheet HTML 4Page - TEMEX LNO3200B3 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise Oscillator series
LNO 3200 B3
OCSO @ 3200 MHz
LNO 3200 B3 – rev.A – January 2016
2 / 5
www.rakon.com
R a k o n r e s e r v e s t h e r i g h t t o m o d i f y h e r e i n s p e c i f i c a t i o n s a n d i n f o r m a t i o n w h e n n e c e s s a r y
t o p r o v i d e o p t i m u m p e r f o r m a n c e a n d c o s t
Technical Description
LNO 3200 B3 is available in two different versions :
Standard version : in this case, it is a VC-OCSO (Voltage Controlled, Oven Controlled SAW Oscillator)
that can be used either in free run mode, or controlled by an external DC voltage.
PLL version : in this case, the unit needs an external 10 MHz reference to operate, and the output signal
is phase-locked to this reference.
Standard version block diagram
PLL version block diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com