Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3207 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ES3207
Description  Video CD/DVD Companion Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES3207 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ES3207 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3207 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3207 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3207 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SAM0076-051701
ESS Technology, Inc.
ES3207 VIDEO CD CC PRODUCT BRIEF
PINOUT
PINOUT
PIN DESCRIPTION
Name
Number
I/O
Definition
VSS
1:2,25:26,29:31,72,75,
77,91,100
I
Ground.
VCC
3:5,16,32,66,73,78,90
I
Voltage supply, 5 V.
DSC_C
6
I
Clock for programming to access internal registers.
AUX[15:0]
40:38,36:34,20,18,14,
67:70,11,9,7
I/O
Auxiliary control pins.
DSC_D[7:0]
81,83,85,93,95,97,99,8
I/O
Data for programming to access internal registers.
DSC_S
10
I
Strobe for programming to access internal registers.
DCLK
12
O
Dual-purpose pin. DCLK is the MPEG decoder clock.
EXT_CLK
I
EXT_CLK is the external clock. EXT_CLK is an input during bypass PLL mode.
RST#
13
I
Video reset (active-low).
MUTE
15
O
Audio mute.
MCLK
17
I
Audio master clock.
TWS
19
I
Dual-purpose pin. TWS is the transmit audio frame sync.
SPLL_OUT
O
SPLL_OUT is the select PLL output.
1
VSSA
MIC1
MIC2
AOL
AOR
VCCA
VCCA
VREFP
VREFM
VSSA
AUX15
AUX14
AUX13
RBCK / SER_IN
AUX12
AUX11
AUX10
RSD / SEL_PLL0
VCC
VSS
DSC_D7
HSYNC#
DSC_D6
VSYNC#
DSC_D5
YUV7
YUV6
YUV5
YUV4
VCC
VSS
YUV3
DSC_D4
YUV2
DSC_D3
YUV1
DSC_D2
YUV0
DSC_D1
VSS
31
30
51
50
80
81
100
23456
78910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
ES3207



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com