Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C85 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C85
Description  4-Bit Magnitude Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C85 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C85 Datasheet HTML 1Page - National Semiconductor (TI) MM54C85 Datasheet HTML 2Page - National Semiconductor (TI) MM54C85 Datasheet HTML 3Page - National Semiconductor (TI) MM54C85 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5886
September 1989
MM54C85MM74C85 4-Bit Magnitude Comparator
General Description
The MM54C85MM74C85 is a four-bit magnitude compara-
tor which will perform comparison of straight binary or BCD
codes The circuit consists of eight comparing inputs (A0
A1 A2 A3 B0 B1 B2 B3) three cascading inputs (A l B
A k B and A e B) and three outputs (A l B A k B and
A e B) This device compares two four-bit words (A and B)
and determines whether they are ‘‘greater than’’ ‘‘less
than’’ or ‘‘equal to’’ each other by a high level on the appro-
priate output For words greater than four-bits units can be
cascaded by connecting the outputs (A l B A k B and
A e B) of the least significant stage to the cascade inputs
(A l B A k B and A e B) of the next-significant stage In
addition the least significant stage must have a high level
voltage (VIN(1)) applied to the A e B input and low level
voltage (VIN(0)) applied to A l B and A k B inputs
Features
Y
Wide supply voltage range
30V to 15V
Y
Guaranteed noise margin
10V
Y
High noise immunity
04 VCC (typ)
Y
Low power
fan out of 2
TTL compatibility
driving 74L
Y
Expandable to ‘N’ stages
Y
Applicable to binary or BCD
Y
Low power pinout 54L8574L85
Logic Diagram
TLF5886 – 1
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C85

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C86 NSC-MM54C86 Datasheet
101Kb / 4P
Quad 2-Input EXCLUSIVE-OR Gate
MM54C86J NSC-MM54C86J Datasheet
101Kb / 4P
Quad 2-Input EXCLUSIVE-OR Gate
MM54C86N NSC-MM54C86N Datasheet
101Kb / 4P
Quad 2-Input EXCLUSIVE-OR Gate
logo
Rochester Electronics
MM54C883 ROCHESTER-MM54C883 Datasheet
605Kb / 6P
Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
64-Bit TRI-STATE Random Access Read/Write Memory
More results

Similar Description - MM54C85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com