Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7985ATR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L7985ATR
Description  Voltage feed-forward
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7985ATR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L7985ATR Datasheet HTML 10Page - STMicroelectronics L7985ATR Datasheet HTML 11Page - STMicroelectronics L7985ATR Datasheet HTML 12Page - STMicroelectronics L7985ATR Datasheet HTML 13Page - STMicroelectronics L7985ATR Datasheet HTML 14Page - STMicroelectronics L7985ATR Datasheet HTML 15Page - STMicroelectronics L7985ATR Datasheet HTML 16Page - STMicroelectronics L7985ATR Datasheet HTML 17Page - STMicroelectronics L7985ATR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Functional description
L7985
14/42
DocID022446 Rev 7
5.5
Enable function
The enable feature allows to put the device into standby mode. With the EN pin lower than
0.3 V the device is disabled and the power consumption is reduced to less than 30 µA. With
the EN pin lower than 1.2 V, the device is enabled. If the EN pin is left floating, an internal
pull-down ensures that the voltage at the pin reaches the inhibit threshold and the device is
disabled. The pin is also VCC compatible.
5.6
Hysteretic thermal shutdown
The thermal shutdown block generates a signal that turns off the power stage if the junction
temperature goes above 150 °C. Once the junction temperature returns to about 120 °C, the
device restarts in normal operation. The sensing element is very close to the PDMOS area,
so ensuring an accurate and fast temperature detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com