Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATRIX-M24SR Datasheet(PDF) 1 Page - STMicroelectronics

Part # MATRIX-M24SR
Description  Various antenna designs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MATRIX-M24SR Datasheet(HTML) 1 Page - STMicroelectronics

  MATRIX-M24SR Datasheet HTML 1Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 2Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 3Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 4Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 5Page - STMicroelectronics MATRIX-M24SR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
December 2013
DocID025534 Rev 2
1/6
MATRIX-M24SR
Antenna matrix for the M24SRXX-Y
Dynamic NFC/RFID tag IC family
Data brief
Features
Ready-to-use printed circuit board including 10
divisible antenna boards. Each of those antenna
board can be connected to an MCU thanks to the
I2C interface.
The MATRIX-M24SR antenna boards are based
on the M24SR64-Y device which is compatible
with NFC phones. As such, any NFC phone can
communicate with those antenna boards.
• Various antenna designs
– 45 mm x 75 mm 13.56 MHz inductive
antenna etched on the PCB (ANT1)
– 20 mm x 40 mm 13.56 MHz inductive
antenna etched on the PCB (ANT2)
– 14 mm x 13.5 mm 13.56 MHz double layer
inductive antenna etched on the PCB
(ANT7)
– 45 mm x 65 mm 13.56 MHz inductive
antenna etched on the PCB with a DSILC6-
4P6 external ESD protection (ANT10)
– 4.7 µH SMD-inductor based antenna
(ANT11)
– 2 spare circuits for customer antenna
development (ANT12)
– Metal Tag 13 .56 MHz inductive antenna
etched on the PCB (ANT9)
– 20 mm round 13.56 MHz double layer
inductive antenna etched on the PCB
(ANT13)
– 31 mm x 30 mm 13.56 MHz double layer
inductive antenna etched on the PCB
(ANT14)
• M24SR64-Y Dynamic NFC/RFID tag IC
• I2C bus connection
• RF disable input connection with 30 kΩ pull-
down resistor
• GPO (General Purpose Output) output
connection with 20 kΩ pull up resistor
• 100 pF and 10 nF capacitors for VCC
decoupling
www.st.com


Similar Part No. - MATRIX-M24SR

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
MATRIX-M2 SOVICO-MATRIX-M2 Datasheet
265Kb / 1P
Mic Station
2021.02
More results

Similar Description - MATRIX-M24SR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL837030 INTERSIL-ISL837030 Datasheet
630Kb / 25P
Modem Reference Designs
May 2002
logo
Integrated Circuit Syst...
MK2722 ICST-MK2722 Datasheet
56Kb / 4P
Sigma Designs Clock Source
Revision 020802
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
VARIOUS
logo
ATMEL Corporation
ATAVRSB202 ATMEL-ATAVRSB202 Datasheet
386Kb / 1P
Reference designs
logo
M/A-COM Technology Solu...
28370-PBD-005-A MA-COM-28370-PBD-005-A Datasheet
33Kb / 1P
Upgrading Bt837x Designs
28370-PBD-005-A MA-COM-28370-PBD-005-A_15 Datasheet
33Kb / 1P
Upgrading Bt837x Designs
logo
Maxim Integrated Produc...
MAX77801 MAXIM-MAX77801 Datasheet
1Mb / 25P
Flexibility Supports Various Designs
Rev 0; 2/15
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
custom designs available
logo
Infineon Technologies A...
IRL100HS121 INFINEON-IRL100HS121 Datasheet
1Mb / 16P
Higher power density designs
V1.3 2017-10-06
IRL80HS120 INFINEON-IRL80HS120 Datasheet
1Mb / 16P
Higher power density designs
V1.3 2017-06-20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com