Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ-USB Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # EZ-USB
Description  The EZ-USB USB Integrated Circuit
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

EZ-USB Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button EZ-USB Datasheet HTML 17Page - Cypress Semiconductor EZ-USB Datasheet HTML 18Page - Cypress Semiconductor EZ-USB Datasheet HTML 19Page - Cypress Semiconductor EZ-USB Datasheet HTML 20Page - Cypress Semiconductor EZ-USB Datasheet HTML 21Page - Cypress Semiconductor EZ-USB Datasheet HTML 22Page - Cypress Semiconductor EZ-USB Datasheet HTML 23Page - Cypress Semiconductor EZ-USB Datasheet HTML 24Page - Cypress Semiconductor EZ-USB Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 334 page
background image
Page 1-4
Chapter 1. Introducing EZ-USB
EZ-USB TRM v1.9
In this manual, you will read statements like, “When the host sends an IN token...” or “The
device responds with an ACK.” What do these terms mean? A USB transaction consists
of data packets identified by special codes called Packet IDs or PIDs. A PID signifies
what kind of packet is being transmitted. There are four PID types, as shown in Table 1-1.
Figure 1-3. USB Packets
Figure 1-3 illustrates a USB transfer. Packet j is an OUT token, indicated by the OUT
PID. The OUT token signifies that data from the host is about to be transmitted over the
bus. Packet !k contains data, as indicated by the DATA1 PID. Packet l is a handshake
packet, sent by the device using the ACK (acknowledge) PID to signify to the host that the
device received the data error-free.
Continuing with Figure 1-3, a second transaction begins with another OUT token m, fol-
lowed by more data n, this time using the DATA0 PID. Finally, the device again indicates
success by transmitting the ACK PID in a handshake packet o.
Why two DATA PIDs, DATA0 and DATA1? It’s because the USB architects took error
correction very seriously. As mentioned previously, the ACK handshake is a signal to the
host that the peripheral received data without error (the CRC portion of the packet is used
to detect errors). But what if a handshake packet itself is garbled in transmission? To
detect this, each side, host and device maintains a data toggle bit, which is toggled
between data packet transfers. The state of this internal toggle bit is compared with the
1.4
Tokens and PIDs
Table 1-1. USB PIDs
PID Type
PID Name
Token Data
IN, OUT, SOF, SETUP, DATA0, DATA1
Handshake
ACK, NAK, STALL
Special
PRE
O
U
T
A
D
D
R
E
N
D
P
C
R
C
5
Token Packet
D
A
T
A
1
Payload
Data
C
R
C
1
6
Data Packet
A
C
K
O
U
T
A
D
D
R
E
N
D
P
C
R
C
5
Token Packet
D
A
T
A
0
Payload
Data
C
R
C
1
6
Data Packet
A
C
K
H/S Pkt
H/S Pkt
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com