Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 79Page - STMicroelectronics SPC56AP54x Datasheet HTML 80Page - STMicroelectronics SPC56AP54x Datasheet HTML 81Page - STMicroelectronics SPC56AP54x Datasheet HTML 82Page - STMicroelectronics SPC56AP54x Datasheet HTML 83Page - STMicroelectronics SPC56AP54x Datasheet HTML 84Page - STMicroelectronics SPC56AP54x Datasheet HTML 85Page - STMicroelectronics SPC56AP54x Datasheet HTML 86Page - STMicroelectronics SPC56AP54x Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
DocID18340 Rev 6
83/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
3.17
AC specifications
3.17.1
Pad AC specifications
3.18
AC timing characteristics
3.18.1
RESET pin characteristics
The SPC56xP54x/SPC56xP60x implements a dedicated bidirectional RESET pin.
Table 36. Output pin transition times
Symbol C
Parameter
Conditions(1)
Value
Unit
Min Typ Max
Ttr
CC
D
Output transition time output pin(2)
SLOW configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
50
ns
TCL = 50 pF
—
— 100
DCL = 100 pF
—
— 125
DCL = 25 pF
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
40
TCL = 50 pF
—
—
50
DCL = 100 pF
—
—
75
Ttr
CC
D
Output transition time output pin(2)
MEDIUM configuration
CL = 25 pF V
DD = 5.0 V ± 10%,
PAD3V5V = 0
SIUL.PCRx.SRC = 1
——
10
ns
TCL = 50 pF
—
—
20
DCL = 100 pF
—
—
40
DCL = 25 pF V
DD = 3.3 V ± 10%,
PAD3V5V = 1
SIUL.PCRx.SRC = 1
——
12
TCL = 50 pF
—
—
25
DCL = 100 pF
—
—
40
Ttr
CC D
Output transition time output pin(2)
FAST configuration
CL = 25 pF V
DD = 5.0 V ± 10%,
PAD3V5V = 0
SIUL.PCRx.SRC = 1
——
4
ns
CL = 50 pF
—
—
6
CL = 100 pF
—
—
12
CL = 25 pF V
DD = 3.3 V ± 10%,
PAD3V5V = 1
SIUL.PCRx.SRC = 1
——
4
CL = 50 pF
—
—
7
CL = 100 pF
—
—
12
Tsim(3) CC T
Symmetric, same drive strength
between N and P transistor
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
4
ns
VDD = 3.3 V ± 10%, PAD3V5V = 1
—
—
5
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = –40 °C to TA MAX, unless otherwise specified.
2. CL includes device and package capacitances (CPKG < 5 pF).
3. Transition timing of both positive and negative slopes will differ maximum 50 %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com