Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P60x Datasheet(PDF) 81 Page - STMicroelectronics

Part # SPC560P60x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60x Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SPC560P60x Datasheet HTML 77Page - STMicroelectronics SPC560P60x Datasheet HTML 78Page - STMicroelectronics SPC560P60x Datasheet HTML 79Page - STMicroelectronics SPC560P60x Datasheet HTML 80Page - STMicroelectronics SPC560P60x Datasheet HTML 81Page - STMicroelectronics SPC560P60x Datasheet HTML 82Page - STMicroelectronics SPC560P60x Datasheet HTML 83Page - STMicroelectronics SPC560P60x Datasheet HTML 84Page - STMicroelectronics SPC560P60x Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 105 page
background image
DocID18340 Rev 6
81/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
3.16
Flash memory electrical characteristics
TUE
T
Total unadjusted error with
current injection
16 precision channels
–3
—
3
LSB
TUE
T
Total unadjusted error with
current injection
10 standard channels
–4
—
4
LSB
1. VDD = 3.3 V to 3.6 V / 4.5 V to 5.5 V, TA = –40 °C to TA MAX, unless otherwise specified and analog input voltage from
VSS_HV_AD to VDD_HV_AD.
2. VINAN may exceed VSS_ADC and VDD_ADC limits, remaining on absolute maximum ratings, but the results of the conversion
will be clamped respectively to 0x000 or 0x3FF.
3. AD_clk clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
4. When configured to allow 60 MHz ADC, the minimum ADC clock speed is 9 MHz, below which precision is lost.
5. During the sample time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the end of the
sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values for the sample
clock tADC_S depend on programming.
6. This parameter includes the sample time tADC_S.
7. 20 MHz ADC clock. Specific prescaler is programmed on MC_PLL_CLK to provide 20 MHz clock to the ADC.
8. See Figure 16.
Table 32. ADC conversion characteristics (continued)
Symbol
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
Table 33. Program and erase specifications
Symbol
Parameter
Conditions
Value
Unit
Min Typ(1)
Initial
max(2)
Max(3)
Twprogram
P Word Program (32 bits) Time(4)
Data Flash
—
30
70
500
µs
Tdwprogram P Double Word (64 bits) Program Time(4)
Code Flash
—
18
50
500
µs
TBKPRG
P Bank Program (64 KB)(4), (5)
Data Flash
—
0.49
1.2
4.1
s
P Bank Program (1056 KB)(4), (5)
Code Flash
—
2.6
6.6
66
s
TMDPRG
P Module Program (512 KB)(4)
Code Flash
—
1.3
1.65
33
s
T16kpperase P 16 KB Block Pre-program and Erase Time
Code Flash
—
200
500
5000
ms
Data Flash
700
800
T32kpperase P 32 KB Block Pre-program and Erase Time
Code Flash
—
300
600
5000
ms
T64kpperase P 64 KB Block Pre-program and Erase Time
Code Flash
—
400
900
5000
ms
T128kpperase P 128 KB Block Pre-program and Erase Time
Code Flash
—
600
1300
5000
ms
tESRT
P Erase Suspend Request Rate(6)
Code Flash
20
——
—
ms
Data Flash
10
1. Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to change
pending device characterization.
2. Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com