Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P60x Datasheet(PDF) 101 Page - STMicroelectronics

Part # SPC560P60x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60x Datasheet(HTML) 101 Page - STMicroelectronics

Back Button SPC560P60x Datasheet HTML 97Page - STMicroelectronics SPC560P60x Datasheet HTML 98Page - STMicroelectronics SPC560P60x Datasheet HTML 99Page - STMicroelectronics SPC560P60x Datasheet HTML 100Page - STMicroelectronics SPC560P60x Datasheet HTML 101Page - STMicroelectronics SPC560P60x Datasheet HTML 102Page - STMicroelectronics SPC560P60x Datasheet HTML 103Page - STMicroelectronics SPC560P60x Datasheet HTML 104Page - STMicroelectronics SPC560P60x Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 105 page
background image
DocID18340 Rev 6
101/105
SPC56xP54x, SPC56xP60x
Ordering information
104
5
Ordering information
Figure 40. Ordering information scheme(h)
h. Not all configurations are available on the market. Please contact your ST sales representative to get the list of
orderable commercial part number.
Memory
Conditioning
Core Family
Y = Tray
R = Tape and Reel
X = Tape and Reel 90°
A = 5 V, 64 MHz
B = 3,3 V, 64 MHz
A = “Airbag” feature set
F = “Full feature” set
E = Data flash memory
B = –40 to 105 °C
C = –40 to 125 °C
L5 = LQFP144
L3 = LQFP100
60 = 1 MB
54 = 768 KB
P = SPC56xP54x/SPC56xP60x family
A = Dual core e200z0h
0 = Single core e200z0h
SPC56 = Power Architecture in 90nm
Temperature
Package
Custom vers.
SPC56
60
Y
AP
C
L3
EFA
Example code:
Product identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com