Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C86 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C86
Description  Quad 2-Input EXCLUSIVE-OR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C86 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C86 Datasheet HTML 1Page - National Semiconductor (TI) MM54C86 Datasheet HTML 2Page - National Semiconductor (TI) MM54C86 Datasheet HTML 3Page - National Semiconductor (TI) MM54C86 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5887
February 1988
MM54C86MM74C86 Quad 2-Input EXCLUSIVE-OR Gate
General Description
Employing complementary MOS (CMOS) transistors to
achieve wide power supply operating range low power con-
sumption and high noise margin these gates provide basic
functions used in the implementation of digital integrated
circuit systems The N- and P-channel enhancement mode
transistors provide a symmetrical circuit with output swing
essentially equal to the supply voltage No DC power other
than that caused by leakage current is consumed during
static condition All inputs are protected from damage due
to static discharge by diode clamps to VCC and GND
Features
Y
Wide supply voltage range
30V to 15V
Y
Guaranteed noise margin
10V
Y
High noise immunity
045 VCC (typ)
Y
Low power
Fan out of 2
TTL compatibility
driving 74L
Y
Low power consumption
10 nWpackage (typ)
Y
The MM54C86MM74C86 follows the
MM54LS86MM74LS86 Pinout
Connection Diagram
Dual-In-Line Package
TLF5887 – 1
Top View
Order Number MM54C86 or MM74C86
Truth Table
Inputs
Output
AB
Y
LL
L
LH
H
HL
H
HH
L
H e High Level
L e Low Level
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C85 NSC-MM54C85 Datasheet
116Kb / 4P
4-Bit Magnitude Comparator
MM54C85J NSC-MM54C85J Datasheet
116Kb / 4P
4-Bit Magnitude Comparator
MM54C85N NSC-MM54C85N Datasheet
116Kb / 4P
4-Bit Magnitude Comparator
logo
Rochester Electronics
MM54C883 ROCHESTER-MM54C883 Datasheet
605Kb / 6P
Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
64-Bit TRI-STATE Random Access Read/Write Memory
More results

Similar Description - MM54C86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com