Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56D-DISCOVERY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56D-DISCOVERY
Description  A potentiometers for ADC input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56D-DISCOVERY Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56D-DISCOVERY Datasheet HTML 1Page - STMicroelectronics SPC56D-DISCOVERY Datasheet HTML 2Page - STMicroelectronics SPC56D-DISCOVERY Datasheet HTML 3Page - STMicroelectronics SPC56D-DISCOVERY Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
July 2015
DocID025157 Rev 3
1/4
SPC56D-Discovery
SPC560D-DIS Discovery evaluation board
Data brief
- production data
Features
• SPC560D40L1 32-bit 48 MHz e200z0h CPU,
32-bit Power Architecture® Technology CPU,
256 kB Code Flash in an LQFP64 package.
• On-board USB-JTAG PLS debugger and HW
selection mode to use stand-alone JTAG
debuggers.
• Board power supply: through external +12 V
PSU or from the USB bus (5 V supply voltage).
• Seven LEDs: D6 for 5 V power on,D2 for Reset,
D101, D102, D103 for PLS debugger section,
D7 and D8 for PC3 and PC2 outputs (for user)
• Two push buttons (reset and user)
• A potentiometers for ADC input (user)
• Two extension headers (2 x 36 pin - 100 mil) for
all LQFP64 pins and for quick connection to
prototyping boards, additional modules and
easy probing.
• JTAG interface (2 x 7 male 100 mil connector)
• USB port (mini -B)
• 16 MHz crystal
• Specification:
• Board size 100 x 55 mm
• MCU: SPC560D40L1 - LQFP64
• 2 extension headers 2 x 36 pin - 100 mil
• DC connector (+12 V input)
• Mini USB - B
• JTAG 2 x 7 - 100 mil connector
Description
The SPC560D-DIS Discovery is a low cost and
quick way to discover SPC56 D line.
Based on SPC56D40L1, the discovery board
includes a JTAG debugger from PLS, LEDs, push
buttons and extension headers to connect
prototyping boards or additional modules.
PLS UDE software is available for free download
and includes a perpetual 256 kByte.
debugging/programming license.
Free ready-to-run application firmware examples
are available inside SPC5Studio to support quick
evaluation and development.
SPC5Studio includes visual configurable code
generation engine, board support package (BSP),
startup routines, interrupt services, free RTOS
(optional) and a full set of low level drivers.
SPC5Studio includes HighTec GNU "C" compiler,
with a 30-days full free trial support. SPC5Studio
is available for free download.
The SPC56 D line is designed to address the
specific need of entry level car body applications
but as well many other markets where high
temperature operation, high reliability, low power
stand-by operation with quick wake up and real-
time loads diagnostic are required. An E2E
Community is available on ST WEB to get ST
experts support in getting started quickly with
SPC56 microcontrollers.
Table 1. Device summary
Order code
Reference
SPC560D-DIS
SPC56D-Discovery with
SPC560D40L1
www.st.com


Similar Part No. - SPC56D-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56 STMICROELECTRONICS-SPC56 Datasheet
1Mb / 25P
Embedded Software Solutions at all levels
Jun-2014
logo
Freescale Semiconductor...
SPC560 FREESCALE-SPC560 Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
SPC5601PEF0MLH4R FREESCALE-SPC5601PEF0MLH4R Datasheet
1Mb / 95P
MPC5602P Microcontroller Data Sheet
logo
NXP Semiconductors
SPC5601PEF0MLH4R NXP-SPC5601PEF0MLH4R Datasheet
2Mb / 95P
MPC5602P Microcontroller Data Sheet
Rev. 6,12/2012
logo
Freescale Semiconductor...
SPC5601PEF0MLH6R FREESCALE-SPC5601PEF0MLH6R Datasheet
1Mb / 95P
MPC5602P Microcontroller Data Sheet
More results

Similar Description - SPC56D-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN219 MICROCHIP-AN219 Datasheet
131Kb / 6P
Comparing Digital Potentiometers to Mechanical Potentiometers
2000 - 2002
logo
Ohmite Mfg. Co.
RES125E OHMITE-RES125E Datasheet
478Kb / 3P
(Potentiometers) Wirewound
logo
Contec Co., Ltd
CPSN-AI-1208LI CONTEC-CPSN-AI-1208LI Datasheet
570Kb / 3P
Analog Input Module 24bit ADC
logo
Murata Manufacturing Co...
PVZ3K104E01B00 MURATA1-PVZ3K104E01B00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3K104E01R00 MURATA1-PVZ3K104E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3K222E01B00 MURATA1-PVZ3K222E01B00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3K222E01R00 MURATA1-PVZ3K222E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3K223E01R00 MURATA1-PVZ3K223E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3K472E01R00 MURATA1-PVZ3K472E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
PVZ3H472C01B00 MURATA1-PVZ3H472C01B00_V01 Datasheet
242Kb / 3P
Trimmer Potentiometers
09/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com