Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56M-DISCOVERY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC56M-DISCOVERY
Description  2 eSCI interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56M-DISCOVERY Datasheet(HTML) 1 Page - STMicroelectronics

  SPC56M-DISCOVERY Datasheet HTML 1Page - STMicroelectronics SPC56M-DISCOVERY Datasheet HTML 2Page - STMicroelectronics SPC56M-DISCOVERY Datasheet HTML 3Page - STMicroelectronics SPC56M-DISCOVERY Datasheet HTML 4Page - STMicroelectronics SPC56M-DISCOVERY Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This is information on a product in full production. For further information contact your local STMicroelectronics sales
office.
December 2013
DocID025430 Rev 2
1/5
SPC56M- Discovery
SPC563M-DISP: Discovery+ evaluation board
Data brief
- production data
Features
• SPC563M64L7 32-bit Power Architecture®
Book E compliant e200z335 CPU core,
1.5Mbyte on-chip in an LQFP176 package.
• Board Supply: Single 5VDC external power
supply input.
• All GPIOs and DSPI/uSB signals accessible by
a 4x36 100mil pin grid array allowing
connection of an additional boards for
dedicated applications.
• JTAG interface (7 x 2 male 100mil)
• 2 high speed CAN interface (DB9 male)
• 2 eSCI interface (DB9 female) or 1
• SCI interface + 1 K-LINE interface.
• 2 deserial serial peripheral interface (DSPI)
modules (compatible with Microsecond Bus)
• 1 Optional high speed Nexus interface
• 4 LEDs: LE3 for 5 V power on,LE4 for Reset,
LE1 and LE2 for GPIO99 and GPIO98 (for
user)
• 12MHz crystal.
• 2 potentiometers for ADC quick evaluation
• Reset push button.
• Board size 145 x 97.5mm
Description
The SPC56M-DIS Discovery+ kit helps to
discover SPC56 M line Power Architecture
Microcontrollers with full access to CPUs, GPI/O's
and peripherals such as CAN, UART, JTAG, K-
Line, LIN at budget price.
Free ready-to-run application firmware examples
are available inside SPC5Studio to support quick
evaluation and development.
SPC5Studio includes visual configurable code
generation engine, board support package (BSP),
startup routines, interrupt services, free RTOS
(optional) and a full set of low level drivers.
SPC5Studio includes Hightec GNU "C" compiler,
with a 30-days full free trial license. SPC5Studio
is available for free download.
The SPC56 M line is designed to address cost
sensitive powertrain and transmission
applications.
The SPC56M key functionality is Time processing
units (eTPU) a coprocessor to create events in
sync with internal or external signals without
flooding the CPU with interrupt to serve.
An E2E Community is available on ST WEB to
get ST experts support in getting started quickly
with SPC56 microcontrollers.
Table 1. Device summary
Order code
Reference
SPC563M-DISP
SPC56M DISCOVERY+
with SPC563M64L7
www.st.com


Similar Part No. - SPC56M-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56 STMICROELECTRONICS-SPC56 Datasheet
1Mb / 25P
Embedded Software Solutions at all levels
Jun-2014
logo
Freescale Semiconductor...
SPC560 FREESCALE-SPC560 Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
SPC5601PEF0MLH4R FREESCALE-SPC5601PEF0MLH4R Datasheet
1Mb / 95P
MPC5602P Microcontroller Data Sheet
logo
NXP Semiconductors
SPC5601PEF0MLH4R NXP-SPC5601PEF0MLH4R Datasheet
2Mb / 95P
MPC5602P Microcontroller Data Sheet
Rev. 6,12/2012
logo
Freescale Semiconductor...
SPC5601PEF0MLH6R FREESCALE-SPC5601PEF0MLH6R Datasheet
1Mb / 95P
MPC5602P Microcontroller Data Sheet
More results

Similar Description - SPC56M-DISCOVERY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C04U FAIRCHILD-NM24C04U Datasheet
89Kb / 13P
EEPROM 2-Wire Bus Interface
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
Mixed Signal with 2-Wire Interface
logo
Maxim Integrated Produc...
MAXSMBUS MAXIM-MAXSMBUS Datasheet
219Kb / 8P
2-Wire Interface Board
Rev 1; 2/00
logo
Microchip Technology
PS051 MICROCHIP-PS051 Datasheet
174Kb / 8P
PowerInfo 2 Configuration Interface
2004
logo
Intersil Corporation
X9448 INTERSIL-X9448 Datasheet
312Kb / 19P
Mixed Signal with 2-Wire Interface
April 18, 2005
logo
ELM Electronics
ELM408 ELM-ELM408 Datasheet
63Kb / 10P
Rotary Decoder - 2 wire Interface
logo
Panasonic Semiconductor
ET-MDNHM10 PANASONIC-ET-MDNHM10 Datasheet
183Kb / 1P
Interface Board for HDMI 2 input
logo
Nuvoton Technology Corp...
NAU8810 NUVOTON-NAU8810 Datasheet
2Mb / 102P
Differential/Mono Audio Codec with 2-wire Interface Control Interface
NAU88C10 NUVOTON-NAU88C10 Datasheet
2Mb / 103P
Mono Audio Codec with 2-wire Interface Control Interface
logo
Weidmuller
2637320000 WEIDMULLER-2637320000 Datasheet
118Kb / 3P
HDC MPN 2 Weidm체ller Interface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com