Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC57S Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC57S
Description  User push buttons and LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC57S Datasheet(HTML) 1 Page - STMicroelectronics

  SPC57S Datasheet HTML 1Page - STMicroelectronics SPC57S Datasheet HTML 2Page - STMicroelectronics SPC57S Datasheet HTML 3Page - STMicroelectronics SPC57S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 2016
DocID028955 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
SPC57S-Discovery
SPC570S-DISP Discovery+ evaluation board
Data brief
Features
The SPC570S50Ex 32-bit CPU implements
two e200z0h processor cores:
Core_0 - Main core (80MHz)
Core_0s
– Checker (safety)
On-board USB-JTAG PLS debugger and
HW selection mode to use it or a third party
JTAG debuggers.
256 kByte code size limited debugging free
of charge evaluation license included.
Board power supply through the USB bus
(5 V supply voltage) or external +12 V PSU.
User push buttons and LEDs
Reset button
2 potentiometers for ADC evaluation
Extension headers (4x37 pin - 100 mil) for all
device pins and for quick connection to
prototyping expansion boards, additional
modules and evaluation probing.
JTAG interface (2x7 male 100mil)
USB port (mini - B)
40 MHz crystal
Board size 105 x 150mm
Description
The SPC57S-Discovery board helps you to
discover SPC57 S Line Power Architecture®
Microcontrollers with full access to CPUs, I/O
signals and peripherals such as CAN, UART,
JTAG, K-Line, LIN at budget price. Free ready-to-
run application firmware examples are available
inside SPC5Studio to support quick evaluation
and development. SPC5Studio includes visual
configurable code generation engine, board
support package (BSP), startup routines,
interrupt services, free RTOS (optional) and a full
set of low level drivers. SPC5Studio includes a
free GCC compiler. SPC5Studio is available for
free download. The SPC57 S Line is designed to
address all Automotive Applications but as well
industrial safety oriented applications.The
SPC570S devices feature specific functions to
make automotive applications with integrity level
up to ASIL-D of ISO 26262. An E2E Community
is available on ST WEB.
Table 1: Device summary
Order code
Reference
SPC570S-DISP
SPC57S-Discovery with
SPC570S50E1


Similar Part No. - SPC57S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5702BECLQ FREESCALE-SPC5702BECLQ Datasheet
892Kb / 98P
Microcontroller
SPC5702BECLU FREESCALE-SPC5702BECLU Datasheet
892Kb / 98P
Microcontroller
SPC5702BECMG FREESCALE-SPC5702BECMG Datasheet
892Kb / 98P
Microcontroller
SPC5702BEMLQ FREESCALE-SPC5702BEMLQ Datasheet
892Kb / 98P
Microcontroller
SPC5702BEMLU FREESCALE-SPC5702BEMLU Datasheet
892Kb / 98P
Microcontroller
More results

Similar Description - SPC57S

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800EP-MTS44 ALLEN-BRADLEY-800EP-MTS44 Datasheet
161Kb / 7P
Push Buttons
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
Push Buttons and Operator Interface
logo
Silicon Laboratories
SDBC-DK3UG SILABS-SDBC-DK3UG Datasheet
1Mb / 76P
4 buttons and 4 LEDs for custom purposes
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com