Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTOUTC1024 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC1024
Description  Thin-Film Cascadable Amplifier 10 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1024 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC1024 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
10-1000
12.0
±1.0
7.0
+24.0
+21.5
2.0:1
2.0:1
—
—
—
—
MHz
dB
dB
dB
dBm
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-1000
13.0
±0.2
5.5
+26.0
+24.0
1.5:1
1.5:1
+35.0
+42.0
+48.0
155
10-1000
12.0
±1.0
6.5
+24.5
+22.0
2.0:1
2.0:1
—
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
10-500 MHz (Min.)
500-1000 MHz (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
DC Current
BW
GP
—
NF
P1dB
—
—
IP3
IP2
HP2
ID
Typical Performance Over Temperature (@ +15 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
15
50
Gain
Frequency, MHz
300
13
500
900
1100
11
700
Frequency, MHz
Noise Figure
7
10
200
6
400
800
1000
5
4
600
9
1300 1500
32
Power Output
Frequency, MHz
10
Input VSWR
Frequency, MHz
Output VSWR
Frequency, MHz
200
2.0
1.75
1.5
1.25
1.0
600
24
30
400
800
26
1000
2.0
50
200
600
1.0
1.75
400
800
1.5
1000
1.25
28
50
Third-Order Intercept Point
Frequency, MHz
50
Second-Order Intercept Point
Frequency, MHz
Second-Harmonic Intercept Point
Frequency, MHz
250
70
60
50
50
250
450
650
30
1050
45
450
850
650
850
35
1050
65
50
250
650
55
450
850
45
1050
35
40
25
22
1200
50
200
600
400
800
1000
1200
40
60
50
40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com