Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTOUTC1058 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC1058
Description  Thin-Film Cascadable Amplifier 5 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1058 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC1058 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1058 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1058 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1058 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1058 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC1058 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +5 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
5-1000
22.5
±1.0
4.7
+12.0
2.0:1
2.0:1
—
—
—
—
MHz
dB
dB
dB
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
5-1000
24.5
±0.3
3.7
+13.5
1.6:1
1.6:1
+22.0
+23.0
+28.0
70
5-1000
23.5
±0.7
4.2
+13.0
2.0:1
2.0:1
—
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
DC Current
BW
GP
—
NF
P1dB
—
—
IP3
IP2
HP2
ID
Typical Performance Over Temperature (@ +5 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
26
5
Gain
Frequency, MHz
200
25
400
800
1000
24
600
Frequency, MHz
Noise Figure
4.5
4.0
3.5
3.0
23
5
200
400
800
1000
600
1200
1200
5.0
22
21
20
2.5
2.0
Power Output
Frequency, MHz
Input VSWR
Frequency, MHz
Output VSWR
Frequency, MHz
15
2.0
1.0
1.75
14
Third-Order Intercept Point
Frequency, MHz
5
Second-Order Intercept Point
Frequency, MHz
Second-Harmonic Intercept Point
Frequency, MHz
200
60
50
600
25
400
800
30
1000
40
35
13
50
30
40
12
2.0
1.0
20
30
20
5
200
400
800
600
1000
1200
1.5
1.25
5
200
400
800
600
1000
1200
1.75
1.5
1.25
5
200
400
800
600
1000
1200
1200
5
200
600
400
800
1000
1200
5
200
600
400
800
1000
1200
16
10
20
10
11
10
15
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com