Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CCM006V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-CCM006V1
Description  STM32-based NAND Flash driver evaluation board (without TFT)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCM006V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-CCM006V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCM006V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCM006V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCM006V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-CCM006V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-CCM006V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-CCM006V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Schematic diagram
STEVAL-CCM006V1
2/7
DocID025388 Rev 1
1
Schematic diagram
Figure 1. Microcontroller section circuit schematic
Figure 2. NAND Flash circuit schematic
VCAP
PH0_OSC_IN
PH1_OSC_OUT
3V3
NRST
3V3
VCAP
VCAP
GND
3V3
GND
3V3
GND
3V3
3V3
GND
GND
GND
3V3
PE3
PB8
PE2
PB9
GND
3V3
3V3
PH0_OSC_IN
PH1_OSC_OUT
GND
PA10_OTG_FS_ID_USB
PE2
PC0_OTG_HS_ULPI_STP
PA13_JTAG_JTMS
PA11_OTG_FS_DM_USB
PG8_USB_PU
3V3
PA12_OTG_FS_DP_USB
PB13_OTG_HS_ULPI_D6
3V3
PE3
PB12_OTG_HS_ULPI_D5
PF0_FSMC_ADDR_A0
PD14_FSMC_D0
PD15_FSMC_D1
PD11_FSMC_ADDR_A16
PD12_FSMC_ADDR_A17
PD8_FSMC_D13
PD10_FSMC_D15
PD9_FSMC_D14
NRST
GND
PC3_OTG_HS_ULPI_NXT
GND
GND
PC2_OTG_HS_ULPI_DIR
PA9_OTG_FS_VBUS_USB
PG7_FSMC_INT3
PG6_FSMC_INT2
For STM32F10xx
Mount --- R1,R8,R11
DNM --- R3,R9
For STM32F2xxx & STM32F4xxx
Mount --- R3,R9
DNM --- R1,R8,R11
For STM32F10xx
Y1----- 8MHz
For STM32F2xxx & STM32F4xxx
Y1------ 25MHz
STM32F103ZET6/
STM32F205ZET6/
STM32F405ZGT6
11
Y
Y
zz
H
H
M
M
55
22
66
C
C
FF
nn
00
00
11
K
K
11
66
11
C
C
FF
nn
00
00
11
33
C
C
FF
pp
00
22
99
C
C
FF
nn
00
00
11
00
11
R
R
K
K
00
11
11
D
D
11
D
D
E
E
LL
__
TT
S
S
E
E
TT
44
C
C
FF
uu
22
..
22
11
JJ
1
2
3
33
K
K
LL
B
B
R
R
TT
N
N
N
N
O
O
C
C
11
P
P
TT
1
TT
N
N
II
O
O
P
P
TT
S
S
E
E
TT
11
11
C
C
FF
nn
00
00
11
K
K
11
33
11
R
R
22
C
C
FF
pp
00
22
99
R
R
m
m
hh
O
O
00
77
11
C
C
FF
nn
00
00
11
66
R
R
K
K
11
22
D
D
22
D
D
E
E
LL
__
TT
S
S
E
E
TT
77
C
C
FF
nn
00
00
11
11
R
R
m
m
hh
O
O
00
22
R
R
K
K
00
11
11
W
W
S
S
N
N
O
O
TT
TT
U
U
B
B
H
H
S
S
U
U
P
P
88
R
R
m
m
hh
O
O
00
55
11
C
C
FF
nn
00
00
11
55
C
C
FF
uu
22
..
22
33
11
C
C
FF
nn
00
00
11
11
U
U
PB14
7
7
5
4
PB12
PB13
73
9
PC14-OSC32_IN
4
5
6
7
8
P
P
P
V
P
B
E
E
E
C
4
5
6
A
1
T
3-TAMPER-RTC
PF0
10
PC15-OSC32_OUT
PF1
11
PF2
12
PF3
13
16
PF5
1
1
5
4
PF4
3
1
2
P
P
E
E
2
3
17
VSS_5
2
2
8
9
PC2
18
VDD_5
19
PF6
OSC_OUT
NRST
25
PC0
2
2
2
2
2
0
1
2
3
4
P
P
P
P
O
F
F
F
F
S
7
8
9
1
C
0
_IN
26
PC1
27
3
3
0
1
P
VD
C3
D_12
36
P
P
A
A
1
2
3
3
3
3
2
3
4
5
V
V
V
P
S
R
D
A0
S
E
D
_
A
F
A
W
+
KUP
PB15
76
PD8
77
PD9
78
79
PD10
PD11
80
81
PD12
PD13
82
83
VSS_8
84
VDD_8
PD14
85
PD15
86
PG2
87
PG3
88
PG4
89
PG5
90
PG6
91
PG7
92
PG8
93
94
VSS_9
95
VDD_9
PC6
96
PC7
97
PC8
98
PC9
99
PA8
100
PA9
101
PA10
102
PA11
103
PA12
104
PA13
105
VCAP_2
106
VSS_2
107
VDD_2
108
88
C
C
FF
nn
00
00
11
33
R
R
m
m
hh
O
O
00
55
R
R
K
K
11
44
R
R
K
K
00
11
22
11
C
C
FF
nn
00
00
11
44
11
C
C
FF
nn
00
00
11
22
JJ
1
2
3
33
K
K
LL
B
B
R
R
TT
N
N
N
N
O
O
C
C
11
C
C
FF
nn
00
00
11
11
11
R
R
m
m
hh
O
O
00
77
R
R
00
99
33
00
11
C
C
FF
nn
00
00
11
GSPG15102013DI1510
3V3
3V3_NAND1
3V3
3V3_NAND2
PD14_FSMC_D0
PD15_FSMC_D1
PD0_FSMC_D2
PD1_FSMC_D3
PE7_FSMC_D4
PE8_FSMC_D5
PE9_FSMC_D6
PE10_FSMC_D7
PD11_FSMC_A
DDR_A16
PD12_FSMC_A
DDR_A17
PD5_FSMC_NWE
PD4_FSMC_NOE
3V3_NAND1
GND
GND
3V3_NAND1
3V3_NAND1
3V3_NAND1
GND
GND
3V3_NAND1
PD6_FSMC_NWA
IT
PG6_FSMC_I
NT2
3V3_NAND1
PE10_FSMC_D7
PD5_FSMC_NWE
3V3_NAND2
3V3_NAND2
GND
GND
PD4_FSMC_NOE
GND
3V3_NAND2
GND
PD14_FSMC_D0
PD15_FSMC_D1
3V3_NAND2
3V3_NAND2
PD0_FSMC_D2
PD11_FSMC_A
DDR_A16
PD1_FSMC_D3
PD12_FSMC_A
DDR_A17
3V3_NAND2
PD6_FSMC_NWA
IT
PE7_FSMC_D4
PE8_FSMC_D5
PE9_FSMC_D6
PG7_FSMC_I
NT3
PD7_FSMC_NCE2
PG9_FSMC_NCE3
Mount One at a time
Mount One at a time
DNM: R25, R27
55
33
R
R
K
K
00
11
11
44
R
R
K
K
00
11
m
m
hh
O
O
00
55
22
R
R
11
22
C
C
FF
nn
00
00
11
m
m
hh
O
O
00
77
22
R
R
11
22
R
R
K
K
00
11
m
m
hh
O
O
00
66
22
R
R
44
22
C
C
FF
nn
00
00
11
55
22
C
C
FF
nn
00
00
11
55
55
R
R
m
m
hh
O
O
00
66
55
R
R
m
m
hh
O
O
00
99
11
C
C
FF
nn
00
00
11
33
U
U
1
NC
2
NC
B
B
22
11
55
D
D
N
N
A
A
N
N
3
NC
NC
4
NC
5
NC
6
RB
7
R
8
E
9
NC
10
NC
11
VDD
12
VSS
13
NC
14
NC
15
CL
16
AL
17
W
18
WP
19
NC
20
NC
21
NC
22
NC
23
NC
24
NC
25
NC
26
NC
27
NC
28
I/O0
I/O1 29
I/O2 30
I/O5
41
V
I
I
V
/
/
D
N
N
N
N
N
N
S
O
O
D
C
C
C
C
C
C
S
3
4
3
3
3
3
3
3
3
3
4
3
1
2
7
3
4
5
8
9
0
6
I/O6 42
I/
N
N
N
N
O
C
C
C
C
7
4
4
4
4
4
4
3
4
5
6
7
8
22
22
R
R
K
K
00
11
22
U
U
1
NC
NC
2
B
B
22
11
55
D
D
N
N
A
A
N
N
NC
3
4
NC
5
NC
NC
6
RB
7
R
8
E
9
NC
10
NC
11
VDD
12
VSS
13
NC
14
NC
15
CL
16
AL
17
W
18
WP
19
NC
20
NC
21
NC
22
NC
23
NC
24
NC
25
NC
26
NC
27
NC
28
I/O0
I/O1 29
I/O2 30
I/O5 41
V
I
I
V
/
/
D
N
N
N
N
N
N
S
O
O
D
C
C
C
C
C
C
S
3
4
3
3
3
3
3
3
3
3
4
3
1
2
7
3
4
5
8
9
0
6
I/O6 42
I/
N
N
N
N
O
C
C
C
C
7
4
4
4
4
4
4
3
4
5
6
7
8
22
44
R
R
K
K
00
11
88
11
C
C
FF
nn
00
00
11
00
22
R
R
K
K
00
11
99
11
R
R
K
K
00
11
00
22
C
C
FF
nn
00
00
11
33
33
R
R
K
K
00
11
88
22
R
R
m
m
hh
O
O
22
22
m
m
hh
O
O
00
00
33
R
R
99
22
R
R
m
m
hh
O
O
22
22
GSPG15102013DI1515



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com