Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2989IMM-5.0 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2989IMM-5.0
Description  Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator For Use with Ceramic Output Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2989IMM-5.0 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2989IMM-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP2989IMM-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP2989IMM-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP2989IMM-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP2989IMM-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP2989IMM-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP2989IMM-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LP2989IMM-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LP2989IMM-5.0 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VS/D = 2V.
Symbol
Parameter
Conditions
Typical
LP2989AI-X.X
(Note 6)
LP2989I-X.X
(Note 6)
Units
Min
Max
Min
Max
Ripple Rejection
f = 1 kHz, C
OUT =10µF
60
dB
Output Voltage
Temperature Coefficient
(Note 8)
20
ppm/˚C
SHUTDOWN INPUT
V
S/D
S/D Input Voltage
V
H = O/P ON
1.4
1.6
1.6
V
V
L = O/P OFF
I
IN
≤ 2µA
0.50
0.18
0.18
I
S/D
S/D Input Current
V
S/D = 0
0.001
−1
−1
µA
V
S/D =5V
5
15
15
ERROR COMPARATOR
I
OH
Output “HIGH” Leakage
V
OH = 16V
0.001
11
µA
22
V
OL
Output “LOW” Voltage
V
IN =VO(NOM) − 0.5V,
I
O(COMP) = 150 µA
150
220
220
mV
350
350
V
THR
(MAX)
Upper Threshold Voltage
−4.8
−6.0
−3.5
−6.0
−3.5
%V
OUT
−8.3
−2.5
−8.3
−2.5
V
THR
(MIN)
Lower Threshold Voltage
−6.6
−8.9
−4.9
−8.9
−4.9
−13.0
−3.0
−13.0
−3.0
HYST
Hysteresis
2.0
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: ESD testing was performed using Human Body Model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ−A,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
The value of
θJ−A for the SO-8 (M) package is 160˚C/W and the mini SO-8 (MM) package is 200˚C/W. The value θJ−A for the LLP (LD) package is specifically
dependent on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the LLP
package, refer to Application Note AN-1187. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown.
Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2989 output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Forcing the output above the input will turn
on this diode and may induce a latch-up mode which can damage the part (see Application Hints).
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential.
Note 8: Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
Note 9: See Typical Performance Characteristics curves.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com