Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC1012A Datasheet(PDF) 21 Page - Texas Instruments

Part # GC1012A
Description  DIGITAL TUNER CHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012A Datasheet(HTML) 21 Page - Texas Instruments

Back Button GC1012A Datasheet HTML 17Page - Texas Instruments GC1012A Datasheet HTML 18Page - Texas Instruments GC1012A Datasheet HTML 19Page - Texas Instruments GC1012A Datasheet HTML 20Page - Texas Instruments GC1012A Datasheet HTML 21Page - Texas Instruments GC1012A Datasheet HTML 22Page - Texas Instruments GC1012A Datasheet HTML 23Page - Texas Instruments GC1012A Datasheet HTML 24Page - Texas Instruments GC1012A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
GRAYCHIP,INC.
- 16 -
FEBRUARY 18, 1998
GC1012A DIGITAL TUNER
DATA SHEET REV 0.1
This document contains information which may be changed at any time without notice
3.6
OUTPUT STATUS REGISTER
This register contains flags and status information for the output samples.
ADDRESS 9:
Output Status Register
BIT
TYPE
NAME
DESCRIPTION
0
R/W
READY
Tells the chip that the user is ready to capture an output sample. The chip clears
this bit when it has captured the sample. See Notes below.
1
R/Clear
MISSED
The chip sets this bit high if a new output sample was ready but the user had not
set READY high. This lets the user know if a sample has been missed. This bit is
cleared by writing a 0 to the bit. Attempting to write a 1 to this bit does nothing.
2
R/W
INT_ENABLE
This bit is used to turn on the interrupt output. If this bit is off the INT output pin is
forced high. When this bit is high the INT output pin is equal to READY. When
READY goes low, meaning that a new sample has been captured, the INT pin will
go low. If INT is tied to a processorÕs interrupt input, then the processor will be
interrupted whenever a new sample is ready.
3
R/W
-
Unused
4
R/W
OFLOW_MODE
This bit sets the mode of the OFLOW output. When OFLOW_MODE is low the
OFLOW output is an inverted version of OVERFLOW (see bit 6 below). If
OFLOW_MODE and OFLOW_ENABLE are high, then the OFLOW output pulses
low for one clock cycle each time there is an overflow.
5
R/W
OFLOW_ENABLE
This bit enables the overflow modes. If this bit is low, then OVERFLOW (see bit 6
below) will not be set and the OFLOW output will not go low. This bit does not affect
the overflow detection and saturation logic in the gain circuit.
6
R/Clear
OVERFLOW
The chip sets this bit when an overflow occurs and OFLOW_ENABLE is turned on.
This bit can be used to indicate if the gain is set too high. This bit stays high until
the user clears it. The bit is cleared by writing a 0 to it. Attempting to write a 1 to
this bit does nothing.
7
R/W
POWER_DOWN
This bit is used to put the chip into a power down (standby) mode. In this mode the
internal clock rate is reduced to approximately 1 KHz. All control register settings
are preserved, but the output data will be invalid.
The READY signal is used to capture output samples and to read them into an external processor.
The user captures outputs by setting the READY bit and then waiting for the bit to be cleared by the chip.
When the bit goes low the processor can read the samples out of the I and Q output registers described in
section 3.9. The processor can wait for READY to go low by either continuously reading this register, or it
can use the interrupt output INT to tell it when the sample is ready. To use the interrupt output mode the
user must tie the INT output pin from the chip to an interrupt input of the processor. The processor can then
capture samples by setting READY and then setting INT_ENABLE (INT_ENABLE should be set after
READY in order to avoid a spurious interrupt due to the interrupt being enabled before READY has settled
to its high state). The processor will be interrupted when READY goes low again. When it is interrupted the
processor can turn off INT_ENABLE, read the I/Q outputs, and then start over again.
The MISSED flag is provided to let the processor know if it has taken too long to read the I/Q
samples before rearming the READY bit. If the processor wants to use the MISSED flag it should clear the
flag the first time it sets the READY bit and then check it after setting the READY bit thereafter. The READY
bit is set and the MISSED bit cleared by writing a 01(hex) to this register. The READY bit is set and the
MISSED bit is left alone by writing a 03(hex) to this register.
NOTE: The READY bit will not be cleared if the sample is captured while the user is setting the
READY bit. This will cause the READY bit to stay high after the output is captured and will not allow the chip
to capture any more samples until the bit is cleared and set again. The user can detect this incorrect ÒreadyÓ
state by always clearing the MISSED bit when setting the READY bit. The incorrect state is detected if
MISSED goes high when READY is high. The work-around to guarantee capturing an output sample is to
always clear READY before setting it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com