Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP4012N2M Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DP4012N2M
Description  DP40 40 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DP4012N2M Datasheet(HTML) 2 Page - Artesyn Technologies

  DP4012N2M Datasheet HTML 1Page - Artesyn Technologies DP4012N2M Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DP40 Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2015 Artesyn Embedded Technologies, Inc.
www.artesyn.com
DP40-DS 09Jul2015
Ordering Information
Model
Number
Output Voltage
Maximum Load
Peak Load1
Regulation2
Ripple
P/P (PARD)3
DP4009N2M
9 V
4.44 A
5.4 A
± 8%
90 mV
DP4009N3M
9 V
4.44 A
5.4 A
± 8%
90 mV
DP4012N2M
12 V
3.33 A
4.4 A
± 5%
120 mV
DP4012N3M
12 V
3.33 A
4.4 A
± 5%
120 mV
DP4015N2M
15 V
2.67 A
3.5 A
± 5%
150 mV
DP4015N3M
15 V
2.67 A
3.5 A
± 5%
150 mV
DP4018N2M
18 V
2.22 A
3.0 A
± 5%
150 mV
DP4018N3M
18 V
2.22 A
3.0 A
± 5%
150 mV
DP4024N2M
24 V
1.67 A
2.2 A
± 5%
240 mV
DP4024N3M
24 V
1.67 A
2.2 A
± 5%
240 mV
DP4048N2M
48 V
0.84 A
1.2 A
± 5%
480 mV
DP4048N3M
48 V
0.84 A
1.2 A
± 5%
480 mV
1. Peak current lasting < 15 seconds with a maximum 10% duty cycle.
2. At 25 ºC including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ± 0.02” (± 0.5 mm)
3. Warranty: 2 year
4. Weight: 0.55 lb./.25 kg
5. AC input power cord sold separately.
6. Specifications are for convection rating at factory settings at 115 Vac input, 25 °C
unless otherwise stated
Mechanical Drawing
48"
(1219 ± 20)
4.88"
(124.0)
48"
(1219 ± 20)
4.88"
(124.0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com