Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP4012N3M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DP4012N3M
Description  DP40 40 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DP4012N3M Datasheet(HTML) 1 Page - Artesyn Technologies

  DP4012N3M Datasheet HTML 1Page - Artesyn Technologies DP4012N3M Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
DP40
40 Watts
Total Power: 40 Watts
Input Voltage: 90 - 264 Vac
127 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Medical and ITE safeties
ƒ
Universal AC input
ƒ
Fully regulated output
ƒ
Overload and short circuit protection
ƒ
Constant voltage
ƒ
High efficiency
ƒ
High MTBF
ƒ
IEC320 AC input receptacle
3 pin (type C14) Class I
2 pin (type C8) Class II
ƒ
Built in EMI filter (CISPR 22 Class B)
ƒ
LED power good indicator
ƒ
Input power <49 watts
ƒ
Complies with EN61000-3-2
ƒ
Meets Energy Star Efficiency Level V
ƒ
CE Mark EMC, LVD & ErP 2011
ƒ
Less than 300 mW No-Load power
consumption
SAFETY
ƒ
UL
60950-1, 60601-1
ƒ
cUL
60950-1, 60601-1
ƒ
TUV
60950-1, 60601-1
ƒ
CE
EMC, LVD & ErP 2011
ƒ
CB
Certificate and report
ƒ
CCC
China Approval
Electrical Specifications
Input
Input range
90 - 264 Vac (wide range)
127 - 300 Vdc
Frequency
47 - 63 Hz
Inrush current
< 50 A @ 230 Vac, cold start @ 25 °C
Input current
< 0.5 A rms @ 115 Vac; < 0.25 A @ 230 Vac
Efficiency
84% @ full load typical, @115 Vac
EMI/RFI
FCC Part 15, Subpart B Class B & EN55022 (CISPR 22) Class B
Safety ground leakage current
300 μA @ 50/60 Hz, 264 Vac input for 3 pin model
100 μA @ 50/60 Hz, 264 Vac input for 2 pin model
Output
Maximum power (Po)
40 W
Hold-up time
10 ms. typical at full load @ 115 Vac
Overvoltage protection
20% - 45% above nominal output maximum
Latching type, recycle AC to reset.
Overload protection
Output short circuit protection auto recover
Overload protected @ 110 - 160% above peak rating
Cable/connector
1.2 m DC cable with 2.5 mm I.D, 5.5 mm O.D center plug
DC plug center +v
DC plug outer -v
Environmental Specifications
Operating temperature
0 ° to +40 °C ambient. Derate each output as 2.5% per degree
from 40 °C to 60 °C. -20 °C start up
Storage temperature
-40 °C to +85 °C
Electromagnetic susceptibility
Designed to meet EN61000-4, -2, -3, -4, -5, -6, -8, -11, Level 3
Humidity
Operating; non-condensing 10% to 90% RH
Vibration
Three orthogonal axes, 3 sweeps per axe at 1 oct/min. 2G peak 8 Hz
to 500 Hz, operational
MTBF demonstrated
> 550,000 hours at full load and 25 °C ambient conditions
Data Sheet


Similar Part No. - DP4012N3M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DP4012N3M EMERSON-NETWORKPOWER-DP4012N3M Datasheet
297Kb / 2P
40 Watts
logo
Artesyn Technologies
DP4012N3M ARTESYN-DP4012N3M Datasheet
516Kb / 2P
DP40 40 Watts
DP4012N3M ARTESYN-DP4012N3M Datasheet
516Kb / 2P
Medical and ITE safeties
More results

Similar Description - DP4012N3M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
40 Watts
LPS40 ASTEC-LPS40 Datasheet
84Kb / 3P
40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
40 Watts
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
40 Watts
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
40 Watts
logo
Anaren Microwave
250250-4X50-2 ANAREN-250250-4X50-2 Datasheet
309Kb / 2P
40 Watts
logo
Artesyn Technologies
DP4009N3M ARTESYN-DP4009N3M Datasheet
516Kb / 2P
DP40 40 Watts
DP4048N2M ARTESYN-DP4048N2M Datasheet
516Kb / 2P
DP40 40 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com