Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB6A60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSIB6A60
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB6A60 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSIB6A60 Datasheet HTML 1Page - Vishay Siliconix GSIB6A60 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GSIB6A20 thru GSIB6A80
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88649
2
25-Mar-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0
50
100
150
0
2.0
4.0
6.0
8.0
1
10
100
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
0.1
1
10
100
10
100
1,000
0.01
0.1
1
10
100
0.1
1
10
100
0
20
40
60
80
100
0.01
0.1
1
10
100
500
Fig. 1 - Derating Curve Output
Rectified Current
Fig. 3 - Typical Forward Characteristics
Per Leg
Fig. 5 - Typical Junction Capacitance
Per Leg
Fig. 4 - Typical Reverse Characteristics
Per Leg
Fig. 6 - Typical Transient Thermal
Impedance
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
Heatsink Mounting, TC
P.C.B. Mounting, TA
Temperature (
°C)
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage (%)
t, Heating Time (sec.)
1.0 Cycle
TJ = TJ max.
single sine-wave
(JEDEC Method)
TJ = 25°C
Pulse Width = 300
µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
TJ = 125°C
TJ = 25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com