Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74C901 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C901
Description  Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C901 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74C901 Datasheet HTML 1Page - National Semiconductor (TI) MM74C901 Datasheet HTML 2Page - National Semiconductor (TI) MM74C901 Datasheet HTML 3Page - National Semiconductor (TI) MM74C901 Datasheet HTML 4Page - National Semiconductor (TI) MM74C901 Datasheet HTML 5Page - National Semiconductor (TI) MM74C901 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5909
February 1988
MM54C901MM74C901 Hex Inverting TTL Buffer
MM54C902MM74C902 Hex Non-Inverting TTL Buffer
MM54C903MM74C903 Hex Inverting CMOS Buffer
MM54C904MM74C904 Hex Non-Inverting CMOS Buffer
General Description
These hex buffers employ complementary MOS to achieve
wide supply operating range low power consumption and
high noise immunity These buffers provide direct interface
from PMOS into CMOS or TTL and direct interface from
CMOS to TTL or CMOS operating at a reduced VCC supply
Features
Y
Wide supply voltage range
30V to 15V
Y
Guaranteed noise margin
10V
Y
High noise immunity
045 VCC (typ)
Y
TTL compatibility
Fan out of 2
driving standard TTL
Connection Diagrams
Dual-In-Line Package
MM54C901MM74C901
MM54C903MM74C903
TLF5909 – 1
Top View
Order Number MM54C901
MM74C901 MM54C903 or MM74C903
Dual-In-Line Package
MM54C902MM74C902
MM54C904MM74C904
TLF5909 – 2
Top View
Order Number MM54C902
MM74C902 MM54C904 or MM74C904
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74C901

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
MM74C901M FAIRCHILD-MM74C901M Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
MM74C901N FAIRCHILD-MM74C901N Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
More results

Similar Description - MM74C901

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50 Datasheet
99Kb / 8P
Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT50 ONSEMI-NLU1GT50_12 Datasheet
137Kb / 10P
Single Buffer, Non-Inverting, TTL Level
July, 2012 ??Rev. 3
NLU1GT126 ONSEMI-NLU1GT126_12 Datasheet
141Kb / 10P
Non-Inverting 3-State Buffer, TTL Level
July, 2012 ??Rev. 3
logo
Fairchild Semiconductor
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
NLU1GT126 ONSEMI-NLU1GT126_16 Datasheet
150Kb / 7P
Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com