Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS17VA-R10025 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS17VA-R10025
Description  Commercial Grade, SS17VA/HA, 2500 uH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS17VA-R10025 Datasheet(HTML) 1 Page - Kemet Corporation

  SS17VA-R10025 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - f04aa455-5149-4be7-a48d-8b04f820ee7d
KEMET Part Number: SS17VA-R10025
(UAL17VAR100250, SS17VA/HA-R10025)
Commercial Grade, SS17VA/HA, 2500 uH
Dimensions
L
17mm +/-1mm
T
12mm +/-1mm
H
15.1mm +/-1mm
S
8mm +/-1mm
S1
12mm +/-1mm
LL
3.5mm +/-1mm
F
0.6mm +/-0.1mm
Wire Size
0.37mm
Packaging Specifications
Weight: 6 g
General Information
Style: Through-Hole Choke
Series: SS17VA/HA
Description: Common Mode Filter
RoHS: Yes
Miscellaneous:
Inductance Measurement
Condition: 1kHz 1V KC530 or
equivalent
Specifications
Inductance: 2500 uH
Rated Temperature: 120C
Current: 1 mAmps (Irms, 50C Rise By
Self Heating)
Voltage AC: 250 VAC
DC Resistance: 380 mOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - SS17VA-R10025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
SS Coils, SS17VA/HA Type
More results

Similar Description - SS17VA-R10025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
SS Coils, SS17VA/HA Type
SS30V-R300071 KEMET-SS30V-R300071 Datasheet
120Kb / 1P
Commercial Grade, SS30V, 7100 uH
SS30V-R350047 KEMET-SS30V-R350047 Datasheet
120Kb / 1P
Commercial Grade, SS30V, 4700 uH
SSB11H-R17043 KEMET-SSB11H-R17043 Datasheet
79Kb / 1P
Commercial Grade, SSB11H, 4300 uH
SS20H-20018 KEMET-SS20H-20018 Datasheet
85Kb / 1P
Commercial Grade, SS20H, 1800 uH
SSHB10H-22014 KEMET-SSHB10H-22014 Datasheet
105Kb / 1P
KEMET, SSHB10H, Commercial Grade, 1400 uH
SSHB10HS-08068 KEMET-SSHB10HS-08068 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 6800 uH
SSHB10HS-10051 KEMET-SSHB10HS-10051 Datasheet
105Kb / 1P
KEMET, SSHB10HS, Commercial Grade, 5100 uH
SSHB21HS-18046 KEMET-SSHB21HS-18046 Datasheet
103Kb / 1P
KEMET, SSHB21HS, Commercial Grade, 4599.936 uH
SSHB21H-20046 KEMET-SSHB21H-20046 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 4600 uH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com