Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4017B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4017B
Description  DECADE COUNTER WITH 10 DECODED OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4017B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4017B Datasheet HTML 1Page - STMicroelectronics HCF4017B Datasheet HTML 2Page - STMicroelectronics HCF4017B Datasheet HTML 3Page - STMicroelectronics HCF4017B Datasheet HTML 4Page - STMicroelectronics HCF4017B Datasheet HTML 5Page - STMicroelectronics HCF4017B Datasheet HTML 6Page - STMicroelectronics HCF4017B Datasheet HTML 7Page - STMicroelectronics HCF4017B Datasheet HTML 8Page - STMicroelectronics HCF4017B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HCF4017B
2/11
INPUT EQUIVALENT CIRCUIT
FUNCTIONAL DIAGRAM
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Qn : No Change
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
3, 2, 4, 7, 10,
1, 5, 6, 9, 11
0 to 9
Decoded Decimal Output
14
CLOCK
Clock Input
13
CLOCK
INHIBIT
Clock Inhibit Input
15
RESET
Reset Input
12
CARRY OUT Carry Output
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
CLOCK
CLOCK
INHIBIT
RESET
DECODED
OUTPUT
XXH
Q0
LX
L
Qn
XH
L
Qn
LL
Qn+1
LL
Qn
HL
Qn
HL
Qn+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com