Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS255-CEF Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPS255-CEF
Description  250 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS255-CEF Datasheet(HTML) 2 Page - Artesyn Technologies

  LPS255-CEF Datasheet HTML 1Page - Artesyn Technologies LPS255-CEF Datasheet HTML 2Page - Artesyn Technologies LPS255-CEF Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPS250 Series Data Sheet
Ordering Information
Model
Number
Output
Voltage
Minimum
Load
Maximum Load with
30CFM Forced Air
Peak Load1
Regulation2
Ripple
P/P (PARD)3
LPS252-C
5 V (3 - 6 V)
1.50 A
50 A
60 A
±2%
50 mV
LPS253-C
12 V (6 - 12 V)
0.63 A
21 A
25 A
±2%
120 mV
LPS254-C
15 (12 - 24 V)
0.50 A
16.7 A
20 A
±2%
150 mV
LPS255-C
24 V (24 - 48 V)
0.32 A
10.4 A
12.5 A
±2%
240 mV
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. If optional CF or CEF fans are not used, 30CFM forced air cooling needs to be provided and is required through the length of the
power supply. Not convection rated.
5. Output voltage adjustment requires a minimum load.
6. Remote inhibit resets OVP latch
7. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be
operated as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale
to OEMs and System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Note: -CF suffix added to the model number indicates cover with top fan. -CEF suffix added to the model number indicates cover with dual end mounted fan cover and AC inlet.
Environmental Specifications
Operating temperature
0° to 50 °C ambient; derate each output at 2.5% per degree from 50° to 70 °C
Storage temperature
-40 °C to +85 °C
Temperature coefficient
± 0.4% per °C
Electromagnetic susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.7 G peak 5 Hz to
500 Hz, operational
MTBF demonstrated
> 550,000 hours at full load and 25 °C ambient conditions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com