Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS40-7607 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFS40-7607
Description  SIngle and triple output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS40-7607 Datasheet(HTML) 1 Page - Artesyn Technologies

  NFS40-7607 Datasheet HTML 1Page - Artesyn Technologies NFS40-7607 Datasheet HTML 2Page - Artesyn Technologies NFS40-7607 Datasheet HTML 3Page - Artesyn Technologies NFS40-7607 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
NFS40 Series
SIngle and
triple output
Special Features
• 5.0 x 3.0 x 1.2 inch package
(1U applications)
• Industry standard package
• Overvoltage and
short circuit protection
• 40 W with free air convection
• 50 W with 20 CFM forced air
• EN55022, EN55011
conducted noise level B
• UL, VDE and CSA
safety approvals
• Available RoHS compliant
• 2 year warranty
Total Power:
40 - 50W
Input Voltage: 85 - 264 Vac
120 - 370 Vdc
# of Outputs:
Single, triple
Safety
• VDE0805/EN60950/
• IEC950/IEC1010
• File No. 10401-3336-0044
• License No. 2559
• UL1950 File No. E136005
• CSA C22.2 No. 950
• File No. LR41062C
Rev.02.01.10_65
NFS40 Series
1 of 4
Electrical Specifications
Input
Voltage adjustability:
+5 V output on triples
Vout on singles
± 5.0%
± 5.0%
Line regulation:
LL to HL, FL
Main output
Auxiliary outputs
± 0.2%
± 1.0%
Load regulation:
FL to NL
Main output
Auxiliary outputs
± 2.0%
± 5.0%
Transient response:
+5 V (1.5 - 3 A)
± 120 mV max. dev.
500 µs recovery
Temperature coefficient:
All outputs
± 0.02%/°C
Overvoltage protection:
+5 V output
S3.15 A, 250 Vac In live and neutral
Output power limit:
Primary power limited
90 W input power limit
Short circuit protection:
Single outputs
Multiple outputs
Continuous
Short term
Output
Input voltage range:
Universal input
85 - 264 Vac
120 - 370 Vdc
Input frequency range:
47-440 Hz
Max. input surge current:
132 Vac, cold start
264 Vac, cold star
12 A max.
24 A max.
Safety ground leakage current:
110 Vac, 60 Hz
230 Vac, 50 Hz
0.13 mA, max.
0.32 mA, max.


Similar Part No. - NFS40-7607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFS40-7607 ETC-NFS40-7607 Datasheet
49Kb / 3P
Single and triple output
logo
Emerson Network Power
NFS40-7607J EMERSON-NETWORKPOWER-NFS40-7607J Datasheet
1Mb / 4P
5.0 x 3.0 x 1.2 inch package
logo
Artesyn Technologies
NFS40-7607J ARTESYN-NFS40-7607J Datasheet
461Kb / 4P
SIngle and triple output 40 - 50W
More results

Similar Description - NFS40-7607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
Single and triple output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
Single, dual and triple output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
Single, dual, triple and quad output
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
NFS40-7608J ARTESYN-NFS40-7608J Datasheet
461Kb / 4P
SIngle and triple output 40 - 50W
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
Single, Dual and Triple Output
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com