Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4053BM1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4053BM1
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4053BM1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4053BM1 Datasheet HTML 2Page - STMicroelectronics HCF4053BM1 Datasheet HTML 3Page - STMicroelectronics HCF4053BM1 Datasheet HTML 4Page - STMicroelectronics HCF4053BM1 Datasheet HTML 5Page - STMicroelectronics HCF4053BM1 Datasheet HTML 6Page - STMicroelectronics HCF4053BM1 Datasheet HTML 7Page - STMicroelectronics HCF4053BM1 Datasheet HTML 8Page - STMicroelectronics HCF4053BM1 Datasheet HTML 9Page - STMicroelectronics HCF4053BM1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HCF4053B
6/10
TYPICAL BIAS VOLTAGES
The ADDRESS (digital-control inputs) and INHIBIT logic levels are : "0"=VSS and "1"=VDD. The analog signal (through the TG) may swing
from VEE to VDD
SPECIAL CONSIDERATIONS
Control of analog signals up to 20V peak to peak
can be achieved by digital signal amplitudes of 4.5
to 20V (if VDD -VSS =3V, aVDD -VEE of up to 13V
can be controlled; for VDD -VEE level differences
above 13V, a VDD -VSS of at least 4.5V is
required. For example, if VDD =+5, VSS =0, and
VEE = -13.5, analog signals from -13.5V to 4.5V
can be controlled by digital inputs of 0 to 4.5V. In
certain applications, the external load resistor
current may include both VDD and signal-line
components. To avoid drawing VDD current when
switch current flows into the transmission gate
inputs, the voltage drop across the bidirectional
switch must not exceed 0,8V (calculated from RON
values shown in DC SPECIFICATIONS). No VDD
current will flow through RL if the switch current
flows into leads 4, 14 and 15.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL =200KΩ
RT =ZOUT of pulse generator (typically 50Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com