Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C89N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C89N
Description  64-Bit TRI-STATE Random Access Read/Write Memory
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C89N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C89N Datasheet HTML 1Page - National Semiconductor (TI) MM54C89N Datasheet HTML 2Page - National Semiconductor (TI) MM54C89N Datasheet HTML 3Page - National Semiconductor (TI) MM54C89N Datasheet HTML 4Page - National Semiconductor (TI) MM54C89N Datasheet HTML 5Page - National Semiconductor (TI) MM54C89N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5888
March 1988
MM54C89MM74C89 64-Bit TRI-STATE
Random Access ReadWrite Memory
General Description
The MM54C89MM74C89 is a 16-word by 4-bit random ac-
cess readwrite memory Inputs to the memory consist of
four address lines four data input lines a write enable line
and a memory enable line The four binary address inputs
are decoded internally to select each of the 16 possible
word locations An internal address register latches the ad-
dress information on the positive to negative transition of
the memory enable input The four TRI-STATE data output
lines working in conjunction with the memory enable input
provide for easy memory expansion
Address Operation
Address inputs must be stable tSA pri-
or to the positive to negative transition of memory enable It
is thus not necessary to hold address information stable for
more than tHA after the memory is enabled (positive to neg-
ative transition of memory enable)
Note
The timing is different than the DM7489 in that a positive to negative
transition of the memory enable must occur for the memory to be
selected
Write Operation
Information present at the data inputs is
written into the memory at the selected address by bringing
write enable and memory enable low
Read Operation
The complement of the information which
was written into the memory is non-destructively read out at
the four outputs This is accomplished by selecting the de-
sired address and bringing memory enable low and write
enable high
When the device is writing or disabled the output assumes a
TRI-STATE (Hi-z) condition
Features
Y
Wide supply voltage range
30V to 15V
Y
Guaranteed noise margin
10V
Y
High noise immunity
045 VCC (typ)
Y
Low power
fan out of 2
TTL compatibility
driving 74L
Y
Low power consumption
100 nWpackage (typ)
Y
Fast access time
130 ns (typ) at VCC e 10V
Y
TRI-STATE output
Logic and Connection Diagrams
TLF5888 – 1
Dual-In-Line Package
TLF5888 – 2
Top View
Order Number MM54C89
or MM74C89
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C89N

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
MM54C89B ROCHESTER-MM54C89B Datasheet
606Kb / 1P
MILITARY TEMPERATURE SRAM in a 16-pin ceramic DIP package
MM54C89D ROCHESTER-MM54C89D Datasheet
605Kb / 6P
Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
MM54C89D ROCHESTER-MM54C89D Datasheet
606Kb / 1P
MILITARY TEMPERATURE SRAM in a 16-pin ceramic DIP package
MM54C89DB ROCHESTER-MM54C89DB Datasheet
605Kb / 6P
Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
More results

Similar Description - MM54C89N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F189DL NSC-54F189DL Datasheet
166Kb / 8P
64-Bit Random Access Memory with TRI-STATEE Outputs
54F219DL NSC-54F219DL Datasheet
164Kb / 8P
64-Bit Random Access Memory with TRI-STATEE Outputs
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
64-bit, 1-bit per word random access read/write memory
January 1995
logo
Fairchild Semiconductor
74F189 FAIRCHILD-74F189 Datasheet
58Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
MM74C89 FAIRCHILD-MM74C89 Datasheet
60Kb / 6P
64-Bit 3-STATE Random Access Read/Write Memory
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
64-BIT RANDOM-ACCESS READ/WRITE MEMORY
logo
Advanced Micro Devices
AM99CL641 AMD-AM99CL641 Datasheet
415Kb / 19P
66,536x1 Static Read/Write Random-Access Memory
logo
Texas Instruments
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
MM54C910 TI1-MM54C910 Datasheet
394Kb / 10P
256-Bit TRI-STATE Random Access Read/Write Memory
logo
Fairchild Semiconductor
74LS189 FAIRCHILD-74LS189 Datasheet
159Kb / 3P
64-BIT RANDOM ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com