Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C8008-55ZIN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS6C8008-55ZIN
Description  512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C8008-55ZIN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS6C8008-55ZIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C8008-55ZIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C8008-55ZIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C8008-55ZIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C8008-55ZIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C8008-55ZIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C8008-55ZIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C8008-55ZIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C8008-55ZIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
?
CAPACITANCE (TA = 25 , f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC - 0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
AS6C8008
PARAMETER
SYM.
SYM.
UNIT
Read Cycle Time
tRC
Address Access Time
tAA
Chip Enable Access Time
tACE
Output Enable Access Time
tOE
Chip Enable to Output in Low-Z
tCLZ
Output Enable to Output in Low-Z
tOLZ
Chip Disable to Output in High-Z
tCHZ
Output Disable to Output in High-Z
tOHZ
Output Hold from Address Change
tOH
(2) WRITE CYCLE
AS6C8008
UNIT
PARAMETER
Write Cycle Time
tWC
Address Valid to End of Write
tAW
Chip Enable to End of Write
tCW
Address Set-up Time
tAS
Write Pulse Width
tWP
Write Recovery Time
tWR
Data to Write Time Overlap
tDW
Data Hold from End of Write Time
tDH
Output Active from End of Write
tOW
Write to Output in High-Z
tWHZ
*These parameters are guaranteed by device characterization, but not production tested.
512K X 8 BIT LOW POWER CMOS SRAM
January 2007
JANUARY 2008
JANUARY/2008, V 1.0
Alliance Memory Inc.
Page 4 of 11
AS6C8008
1024K X 8 BIT SUPER LOW POWER CMOS SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com