Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74C906 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C906
Description  Hex Open Drain N, P-Channel Buffers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C906 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74C906 Datasheet HTML 1Page - National Semiconductor (TI) MM74C906 Datasheet HTML 2Page - National Semiconductor (TI) MM74C906 Datasheet HTML 3Page - National Semiconductor (TI) MM74C906 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Input Pin
b
03V to VCC a03V
Voltage at Any Output Pin
MM54C906MM74C906
b
03V to a18V
MM54C907MM74C907
VCC b 18 to VCC a 03V
Operating Temperature Range
MM54C906MM54C907
b
55 Cto a125 C
MM74C906MM74C907
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Absolute Maximum VCC
18V
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
15
V
VCC e 10V
2
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V
0005
1
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V VIN e 0V
b
10
b
0005
m
A
ICC
Supply Current
VCC e 15V Output Open
005
15
m
A
Output Leakage
MM54C906
VCC e 45V VIN e VCC b 15V
0005
5
m
A
VCC e 45V VOUT e 18V
MM74C906
VCC e 475V VIN e VCC b 15V
0005
5
m
A
VCC e 475V VOUT e 18V
MM54C907
VCC e 45V VIN e 1V a 01 VCC
0005
5
m
A
VCC e 45V VOUT e VCC b18V
MM74C907
VCC e 475V VIN e 1V a 01 VCC
0005
5
m
A
VCC e 475V VOUT e VCC b18V
CMOSLPTTL INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
54C VCC e 45V
VCC b 15V
V
74C VCC e 475V
VCC b 15V
V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C VCC e 45V
08
V
74C VCC e 475V
08
V
OUTPUT DRIVE CURRENT
MM54C906
VCC e 45V VIN e 1V a01 VCC
VCC e 45V VOUT e 05V
21
80
mA
VCC e 45V VOUT e 10V
42
120
mA
MM74C906
VCC e 475V VIN e 1V a01 VCC
VCC e 475V VOUT e 05V
21
80
mA
VCC e 475V VOUT e 10V
42
120
mA
MM54C907
VCC e 45V VIN e VCC b15V
VCC e 45V VOUT e VCC b 05V
b
105
b
15
mA
VCC e 45V VOUT e VCC b 1V
b
21
b
30
mA
MM74C907
VCC e 475V VIN e VCC b15V
VCC e 475V VOUT e VCC b 05V
b
105
b
15
mA
VCC e 475V VOUT e VCC b 1V
b
21
b
30
mA
MM54C906MM74C906
VCC e 10V VIN e 2V
VCC e 10V VOUT e 05V
42
b
20
mA
VCC e 10V VOUT e 1V
84
b
30
mA
MM54C907MM74C907
VCC e 10V VIN e 8V
VCC e 10V VOUT e 95V
b
21
b
40
mA
VCC e 10V VOUT e 9V
b
42
b
80
mA
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com