Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59K102-400L5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59K102-400L5
Description  SMB STRAIGHT JACK PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59K102-400L5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59K102-400L5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59K102-400L5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
SMB
STRAIGHT JACK PCB
59K102-400L5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-10, CECC 22130, US MIL-C-39012
Documents
PCB layout
B 30
Material and plating
Connector parts
Material
Plating
Center contact
Beryllium copper AuroDur
Outer contact
Beryllium copper AuroDur
Body
Brass
Gold, 0.15 µm
Dielectric
PTFE
Centering Sleeve
Brass
Gold, 0.1 µm min.


Similar Part No. - 59K102-400L5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59K101-001L5 ROSENBERGER-59K101-001L5 Datasheet
38Kb / 2P
SMB STRAIGHT JACK
59K101-002L5 ROSENBERGER-59K101-002L5 Datasheet
38Kb / 2P
SMB STRAIGHT JACK
59K101-271L5 ROSENBERGER-59K101-271L5 Datasheet
38Kb / 2P
SMB STRAIGHT JACK
59K101-K00L5 ROSENBERGER-59K101-K00L5 Datasheet
38Kb / 2P
ADAPTOR
59K106-101L5 ROSENBERGER-59K106-101L5 Datasheet
55Kb / 2P
SMB STRAIGHT JACK
More results

Similar Description - 59K102-400L5

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72996 POMONA-72996 Datasheet
120Kb / 1P
SMB JACK STRAIGHT PCB RECEPTACLE
logo
Molex Electronics Ltd.
73404-3020 MOLEX11-73404-3020 Datasheet
38Kb / 1P
50 Ohms, SMB Jack, Straight PCB
73406-6360 MOLEX11-73406-6360 Datasheet
32Kb / 1P
50 Ohms, SMB Jack, Straight PCB
0734043020 MOLEX11-0734043020 Datasheet
34Kb / 1P
50 Ohms, SMB Jack, Straight PCB
logo
Rosenberger Hochfrequen...
59K101-001L5 ROSENBERGER-59K101-001L5 Datasheet
38Kb / 2P
SMB STRAIGHT JACK
59K101-002L5 ROSENBERGER-59K101-002L5 Datasheet
38Kb / 2P
SMB STRAIGHT JACK
59K101-271L5 ROSENBERGER-59K101-271L5 Datasheet
38Kb / 2P
SMB STRAIGHT JACK
59K106-101L5 ROSENBERGER-59K106-101L5 Datasheet
55Kb / 2P
SMB STRAIGHT JACK
59K106-102L5 ROSENBERGER-59K106-102L5 Datasheet
57Kb / 2P
SMB STRAIGHT JACK
logo
Molex Electronics Ltd.
0734043020 MOLEX-0734043020_V01 Datasheet
35Kb / 1P
50 Ohms, SMB Jack, Straight PCB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com