Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58167B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58167B
Description  Microprocessor Real Time Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58167B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM58167B Datasheet HTML 1Page - National Semiconductor (TI) MM58167B Datasheet HTML 2Page - National Semiconductor (TI) MM58167B Datasheet HTML 3Page - National Semiconductor (TI) MM58167B Datasheet HTML 4Page - National Semiconductor (TI) MM58167B Datasheet HTML 5Page - National Semiconductor (TI) MM58167B Datasheet HTML 6Page - National Semiconductor (TI) MM58167B Datasheet HTML 7Page - National Semiconductor (TI) MM58167B Datasheet HTML 8Page - National Semiconductor (TI) MM58167B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at All Pins
VSS b 03V to VDD a 03V
Operating Temperature
0 Cto70 C
Storage Temperature
b
65 Cto a150 C
VDDbVSS
60V
Lead Temperature (Soldering 10 sec)
300 C
Electrical Characteristics VSS e 0V 0 C s TA s 70 C
Parameter
Conditions
Min
Max
Units
Supply Voltage
VDD
Outputs Enabled
45
55
V
VDD
POWER DOWN Mode
22
55
V
Supply Current
IDD Dynamic
Outputs TRI-STATE
fIN e 32768 kHz VDD e 55V
20
m
A
VIH t VDD b 03V
VIL s VSS a 03V
IDD Dynamic
Outputs TRI-STATE
fIN e 32768 kHz VDD e 55V
5
mA
VIH e 20V VIL e 08V
Input Voltage
Logical Low
00
08
V
Logical high
20
VDD
V
Input Leakage Current
VSS s VIN s VDD
b
11
m
A
Output Impedance
IO and INTERRUPT OUT
Logical Low
VDD e 45V IOL e 16 mA
04
V
Logical High
VDD e 45V IOH eb400 mA
24
V
IOH eb10 mA
08 VDD
V
TRI-STATE
VSS s VOUT s VDD
b
11
m
A
Output Impedance
RDY and STANDBY INTERRUPT
(Open Drain Devices)
Logical Low Sink
VDD e 45V IOL e 16 mA
04
V
Logical High Leakage
VOUT s VDD
10
m
A
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com