Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54C93N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C93N
Description  4-Bit Decade, Binary Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C93N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C93N Datasheet HTML 1Page - National Semiconductor (TI) MM54C93N Datasheet HTML 2Page - National Semiconductor (TI) MM54C93N Datasheet HTML 3Page - National Semiconductor (TI) MM54C93N Datasheet HTML 4Page - National Semiconductor (TI) MM54C93N Datasheet HTML 5Page - National Semiconductor (TI) MM54C93N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5889
February 1988
MM54C90MM74C90 4-Bit Decade Counter
MM54C93MM74C93 4-Bit Binary Counter
General Description
The
MM54C90MM74C90
decade
counter
and
the
MM54C93MM74C93 binary counter and complementary
MOS (CMOS) integrated circuits constructed with N- and
P-channel enhancement mode transistors The 4-bit decade
counter can reset to zero or preset to nine by applying ap-
propriate logic level on the R01 R02 R91 and R92 inputs
Also a separate flip-flop on the A-bit enables the user to
operate it as a divide-by-2 5 or 10 frequency counter The
4-bit binary counter can be reset to zero by applying high
logic level on inputs R01 and R02 and a separate flip-flop on
the A-bit enables the user to operate it as a divide-by-2 -8
or -16 divider Counting occurs on the negative going edge
of the input pulse
All inputs are protected against static discharge damage
Features
Y
Wide supply voltage range
3V to 15V
Y
Guaranteed noise margin
1V
Y
High noise immunity
045 VCC (typ)
Y
Low power
Fan out of 2
TTL compatiblity
driving 74L
Y
The
MM54C93MM74C93
follows
the
MM54L93
MM74L93 Pinout
Connection and Logic Diagrams
MM54C90MM74C90
Dual-In-Line Package
TLF5889 – 2
Top View
MM54C93MM74C93
Dual-In-Line Package
TLF5889 – 4
Top View
Order Number MM54C90 or MM74C93
M54C90MM74C90
TLF5889 – 1
MM54C93MM74C93
TLF5889 – 3
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C93N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MM54C93 TI1-MM54C93 Datasheet
374Kb / 8P
4-Bit Binary Counter
logo
National Semiconductor ...
MM54C932 NSC-MM54C932 Datasheet
121Kb / 6P
Phase Comparator
MM54C932N NSC-MM54C932N Datasheet
121Kb / 6P
Phase Comparator
More results

Similar Description - MM54C93N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS290 MOTOROLA-SN54LS290 Datasheet
205Kb / 7P
DECADE COUNTER; 4-BIT BINARY COUNTER
SN54LS390 MOTOROLA-SN54LS390 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS290 ONSEMI-SN54-74LS290 Datasheet
74Kb / 5P
DECADE COUNTER; 4-BIT BINARY COUNTER
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
STMicroelectronics
M54HC4518 STMICROELECTRONICS-M54HC4518 Datasheet
270Kb / 13P
HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
Mar-1993
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
Synchronous UP/Down Decade,4-bit binary Counter
logo
Fairchild Semiconductor
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
BCD DECADE COUNTER/4-BIT BINARY COUNTER
MM74C90 FAIRCHILD-MM74C90_02 Datasheet
67Kb / 7P
4-Bit Decade Counter ??4-Bit Binary Counter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com