Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74C923 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C923
Description  16, 20-Key Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C923 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74C923 Datasheet HTML 1Page - National Semiconductor (TI) MM74C923 Datasheet HTML 2Page - National Semiconductor (TI) MM74C923 Datasheet HTML 3Page - National Semiconductor (TI) MM74C923 Datasheet HTML 4Page - National Semiconductor (TI) MM74C923 Datasheet HTML 5Page - National Semiconductor (TI) MM74C923 Datasheet HTML 6Page - National Semiconductor (TI) MM74C923 Datasheet HTML 7Page - National Semiconductor (TI) MM74C923 Datasheet HTML 8Page - National Semiconductor (TI) MM74C923 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
VCC b 03V to VCC a 03V
Operating Temperature Range
MM54C922 MM54C923
b
55 Cto a125 C
MM74C922 MM74C923
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
VCC
18V
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VTa
Positive-Going Threshold Voltage
VCC e 5V IIN t 07 mA
30
36
43
V
at Osc and KBM Inputs
VCC e 10V IIN t 14 mA
60
68
86
V
VCC e 15V IIN t 21 mA
90
10
129
V
VTb
Negative-Going Threshold Voltage
VCC e 5V IIN t 07 mA
07
14
20
V
at Osc and KBM Inputs
VCC e 10V IIN t 14 mA
14
32
40
V
VCC e 15V IIN t 21 mA
21
5
60
V
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 5V
35
45
V
Except Osc and KBM Inputs
VCC e 10V
80
9
V
VCC e 15V
125
135
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 5V
05
15
V
Except Osc and KBM Inputs
VCC e 10V
1
2
V
VCC e 15V
15
25
V
Irp
Row Pull-Up Current at Y1 Y2
VCC e 5V VIN e 01 VCC
b
2
b
5
m
A
Y3 Y4 and Y5 Inputs
VCC e 10V
b
10
b
20
m
A
VCC e 15V
b
22
b
45
m
A
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 5V IO eb10 mA
45
V
VCC e 10V IO eb10 mA9
V
VCC e 15V IO eb10 mA
135
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 5V IO e 10 mA
05
V
VCC e 10V IO e 10 mA1
V
VCC e 15V IO e 10 mA
15
V
Ron
Column ‘‘ON’’ Resistance at
VCC e 5V VO e 05V
500
1400
X
X1 X2 X3 and X4 Outputs
VCC e 10V VO e 1V
300
700
X
VCC e 15V VO e 15V
200
500
X
ICC
Supply Current
VCC e 5V
055
11
mA
Osc at 0V (one Y low)
VCC e 10V
11
19
mA
VCC e 15V
17
26
mA
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V
0005
10
m
A
at Output Enable
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V VIN e 0V
b
10
b
0005
m
A
at Output Enable
CMOSLPTTL INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
54C VCC e 45V
VCC b 15
V
Except Osc and KBM Inputs
74C VCC e 475V
VCC b 15
V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C VCC e 45V
08
V
Except Osc and KBM Inputs
74C VCC e 475V
08
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C VCC e 45V
24
V
IO eb360 mA
74C VCC e 475V
24
V
IO eb360 mA
VOUT(0)
Logical ‘‘0’’ Output Voltage
54C VCC e 45V
04
V
IO eb360 mA
74C VCC e 475V
04
V
IO eb360 mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com