Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA3010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # INA3010
Description  INFRARED REMOTE CONTROL TRANSMITTER RC-5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

INA3010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  INA3010 Datasheet HTML 1Page - List of Unclassifed Manufacturers INA3010 Datasheet HTML 2Page - List of Unclassifed Manufacturers INA3010 Datasheet HTML 3Page - List of Unclassifed Manufacturers INA3010 Datasheet HTML 4Page - List of Unclassifed Manufacturers INA3010 Datasheet HTML 5Page - List of Unclassifed Manufacturers INA3010 Datasheet HTML 6Page - List of Unclassifed Manufacturers INA3010 Datasheet HTML 7Page - List of Unclassifed Manufacturers INA3010 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INA3010
1
INFRARED REMOTE CONTROL
TRANSMITTER RC-5
The INA3010 is intended as a general purpose (RC-5) infrared
remote control system for use where a low voltage supply and a large
debounce time are expected. The device can generate 2048 different
commands and utilizes a keyboard with a single pole switch for each
key. The command are arranged so that 32 systems can be addressed,
each
system containing 64 different commands. The keyboard
interconnection is illustrated by Fig.1.
• Low voltage requirement
• Single pin oscillator
• Biphase transmission technique
• Test mode facility
ORDERING INFORMATION
INA3010N Plastic
INA3010DW SOIC
TA = -25° to 85° C
for all packages.
INA3010
BLOCK DIAGRAM
PIN ASSIGNMENT


Similar Part No. - INA3010

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INA3010D INTEGRAL-INA3010D Datasheet
280Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
INA3010DW INTEGRAL-INA3010DW Datasheet
280Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
INA3010N INTEGRAL-INA3010N Datasheet
280Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
More results

Similar Description - INA3010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3010 PHILIPS-SAA3010 Datasheet
94Kb / 20P
Infrared remote control transmitter RC-5
June 1989
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
System Logic Semiconduc...
SL3010 SLS-SL3010 Datasheet
96Kb / 8P
INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Integral Corp.
INA3010D INTEGRAL-INA3010D Datasheet
280Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
KODENSHI_AUK CORP.
KKA3010 KODENSHI-KKA3010 Datasheet
830Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com