Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS2103P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLJS2103P
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS2103P Datasheet(HTML) 2 Page - ON Semiconductor

  NTLJS2103P Datasheet HTML 1Page - ON Semiconductor NTLJS2103P Datasheet HTML 2Page - ON Semiconductor NTLJS2103P Datasheet HTML 3Page - ON Semiconductor NTLJS2103P Datasheet HTML 4Page - ON Semiconductor NTLJS2103P Datasheet HTML 5Page - ON Semiconductor NTLJS2103P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTLJS2103P
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 3)
RqJA
65
°C/W
Junction−to−Ambient – t ≤ 5 s (Note 3)
RqJA
38
Junction−to−Ambient – Steady State Min Pad (Note 4)
RqJA
180
3. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface Mounted on FR4 Board using the minimum recommended pad size (30 mm2, 2 oz Cu).
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−12
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = −250 mA, Ref to 25°C
−8.0
mV/°C
Zero Gate Voltage Drain Current
IDSS
VDS = −12 V, VGS = 0 V
TJ = 25°C
−1.0
mA
TJ = 85°C
−5.0
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
±0.1
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.3
−0.8
V
Negative Gate Threshold
Temperature Coefficient
VGS(TH)/TJ
2.6
mV/°C
Drain−to−Source On−Resistance
RDS(on)
VGS = −4.5, ID = −5.9 A
25
40
mW
VGS = −4.5, ID = −3.0 A
25
40
VGS = −2.5, ID = −5.3 A
35
50
VGS = −2.5, ID = −3.0 A
35
50
VGS = −1.8, ID = −2.0 A
45
75
VGS = −1.5, ID = −1.0 A
60
100
VGS = −1.2, ID = −200 mA
95
400
Forward Transconductance
gFS
VDS = −6.0 V, ID = −2.0 A
8.8
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −6.0 V
1157
pF
Output Capacitance
COSS
300
Reverse Transfer Capacitance
CRSS
200
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −9.6 V,
ID = −5.9 A
12.8
15
nC
Threshold Gate Charge
QG(TH)
0.4
Gate−to−Source Charge
QGS
1.6
Gate−to−Drain Charge
QGD
3.6
Gate Resistance
RG
15.7
W
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −8.0 V,
ID = −5.9 A, RG = 2.0 W
8.0
ns
Rise Time
tr
27
Turn−Off Delay Time
td(OFF)
74
Fall Time
tf
88
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Recovery Voltage
VSD
VGS = 0 V, IS = −1.0 A
TJ = 25°C
0.62
1.0
V
TJ = 85°C
0.56
Reverse Recovery Time
tRR
VGS = 0 V, dISD/dt = 100 A/ms,
IS = −1.0 A
27
50
ns
Charge Time
ta
10
Discharge Time
tb
17
Reverse Recovery Time
QRR
14
nC
5. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com