Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPVT1205 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPVT1205
Description  1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPVT1205 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPVT1205 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPVT1205 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPVT1205 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPVT1205 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPVT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 4
MECHANICAL DIMENSIONS
PIN CONNECTIONS
10 PIN SMD
Pin
Dual Output
Single Output
1
-Vin
-Vin
3
+Vin
+Vin
5
NA
NA
9
OV
OV
11
-Vout
NA
12
NA
NA
14
+Vout
+Vout
18
NA
NA
20
NA
NA
22
NA
NA
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
0.60±0.15
9.40
2.10
14.35
6.70
Unless otherwise stated all dimensions in mm±0.5mm.
Tube length:475mm±2.0mm
Tube Quantity:25PCS
0.60MAX
16.00
6.60
11.60
2.00
4.00
1.50
+0.10
-0.00
1.75
11.50
24.00±0.30
15.75
330MAX
13.00±0.25
30.40MAX
24.40
100.00MIN
NA - Not available for electrical connection.
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch.
Weight: 1.53g
SMD Package
0.25
0-4°
S
TPVT0505
8.00
0.25
16.30
12.70
11.00
1.80
2.54
5.08
0.60
11.04
5.50
5.50
1.50
YYWW
1
3
5
9
11
22 20 18
14 12
7.00
TOPPOWER
12 .00
1 .0 0
1 .9 0
12 .7
2 .5 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com