Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPVT2409 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPVT2409
Description  1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPVT2409 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPVT2409 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPVT2409 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPVT2409 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPVT2409 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPVT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 4
DESCRIPTION
:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power systems
is required. these converters are qualified for the higher temperatures requested by lead-free reflow
solder processes, especially for automated SMD production lines.
1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
m A
%
TPVT0503
5
±3.3
±152/±15.2
70
TPVT0505
5
±5
±100/±10
70
TPVT0509
5
±9
±55/±5.5
78
TPVT0512
5
±12
±42/±4.2
79
TPVT0515
5
±15
±33/±3.3
80
TPVT1205
12
±5
±100/±10
72
TPVT1209
12
±9
±55/±5.5
79
TPVT1212
12
±12
±42/±4.2
81
TPVT1215
12
±15
±33/±3.3
82
TPVT2405
24
±5
±100/±10
72
TPVT2409
24
±9
±55/±5.5
79
TPVT2412
24
±12
±42/±4.2
81
TPVT2415
24
±15
±33/±3.3
82
TPVT0303A
3.3
3.3
304/30.4
73
TPVT0305A
3.3
5
200/20
75
TPVT0505A
5
5
200/20
70
TPVT0509A
5
9
111/11.1
78
TPVT0512A
5
12
84/8.4
79
TPVT0515A
5
15
66/6.6
80
TPVT1203A
12
3.3
303/30.3
70
TPVT1205A
12
5
200/20
72
TPVT1209A
12
9
111/11.1
79
TPVT1212A
12
12
84/8.4
81
TPVT1215A
12
15
66/6.6
82
TPVT2405A
24
5
200/20
72
TPVT2409A
24
9
111/11.1
79
TPVT2412A
24
12
84/8.4
81
TPVT2415A
24
15
66/6.6
82
Add suffix “P” for continuous short circuit protection, for example TPVT0505P.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
24V input variants
22
24
26.5
V
FEATURES
RoHS compliant
、CE certification
Efficiency up to 82%
Operating temperature
:-40℃to 105℃
UL 94V-0 package material
Input voltage
:3.3V
,5V,12V,24V
Plastic encapsulated
Dual isolated output
Output voltage
:±5V,±9V,±12V,±15V / 3.3V,5V,9V,12V,15V
Power density 1.37W/cm
3
3KVDC isolation (1 minute)
Custom solutions available
/


Similar Part No. - TPVT2409

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPVT2409-W2 TOPPOWER-TPVT2409-W2 Datasheet
209Kb / 4P
0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT2409-W2 TOPPOWER-TPVT2409-W2 Datasheet
234Kb / 4P
0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT2409-W5 TOPPOWER-TPVT2409-W5 Datasheet
208Kb / 4P
0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT2409A TOPPOWER-TPVT2409A Datasheet
272Kb / 4P
1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT2409A-W2 TOPPOWER-TPVT2409A-W2 Datasheet
209Kb / 4P
0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
More results

Similar Description - TPVT2409

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA-1W TOPPOWER-TPA-1W Datasheet
409Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPTV TOPPOWER-TPTV Datasheet
680Kb / 4P
1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
TPAT TOPPOWER-TPAT_19 Datasheet
769Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPA3.3V TOPPOWER-TPA3.3V Datasheet
724Kb / 3P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TKA TOPPOWER-TKA_V01 Datasheet
788Kb / 4P
1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPVT TOPPOWER-TPVT Datasheet
809Kb / 3P
1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPVT TOPPOWER-TPVT_V01 Datasheet
272Kb / 4P
1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com