Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPVT2415-W2 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPVT2415-W2
Description  0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPVT2415-W2 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPVT2415-W2 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPVT2415-W2 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPVT2415-W2 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPVT2415-W2 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPVT-W2 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION
:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many applications
where noise reduction, voltage isolation, voltage conversion in distributed power systems is required.
these converters are qualified for the higher temperatures requested by lead-free reflow solder processes,
especially for automated SMD production lines.
0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
m A
%
TPVT0503-W2
5
±3.3
±37.8/±3.78
70
TPVT0505-W2
5
±5
±25/±2.5
70
TPVT0509-W2
5
±9
±13.8/±1.38
78
TPVT0512-W2
5
±12
±10.4/±1.04
79
TPVT0515-W2
5
±15
±8.3/±0.83
80
TPVT1205-W2
12
±5
±25/±2.5
72
TPVT1209-W2
12
±9
±13.8/±1.38
79
TPVT1212-W2
12
±12
±10.4/±1.04
81
TPVT1215-W2
12
±15
±8.3/±0.83
82
TPVT2405-W2
24
±5
±25/±2.5
72
TPVT2409-W2
24
±9
±13.8/±1.38
79
TPVT2412-W2
24
±12
±10.4/±1.04
81
TPVT2415-W2
24
±15
±8.3/±0.83
82
TPVT0303A-W2
3.3
3.3
75.7/7.57
73
TPVT0305A-W2
3.3
5
50/5
75
TPVT0505A-W2
5
5
50/5
70
TPVT0509A-W2
5
9
27.7/2.77
78
TPVT0512A-W2
5
12
20.8/2.08
79
TPVT0515A-W2
5
15
16.6/1.66
80
TPVT1203A-W2
12
3.3
75.7/7.57
70
TPVT1205A-W2
12
5
50/5
72
TPVT1209A-W2
12
9
27.7/2.77
79
TPVT1212A-W2
12
12
20.8/2.08
81
TPVT1215A-W2
12
15
16.6/1.66
82
TPVT2405A-W2
24
5
50/5
72
TPVT2409A-W2
24
9
27.7/2.77
79
TPVT2412A-W2
24
12
20.8/2.08
81
TPVT2415A-W2
24
15
16.6/1.66
82
Add suffix “P” for continuous short circuit protection, for example TPVT0505P-W2.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
24V input variants
22
24
26.5
V
FEATURES
RoHS compliant
、CE certification
Efficiency up to 82%
Operating temperature
:-40℃to 105℃
UL 94V-0 package material
Input voltage
:3.3V
,5V,12V,24V
Plastic encapsulated
Dual isolated output
Output voltage
:±5V,±9V,±12V,±15V / 3.3V,5V,9V,12V,15V
Power density 1.37W/cm
3
3KVDC isolation (1 minute)
Custom solutions available
/


Similar Part No. - TPVT2415-W2

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPVT2415-W2 TOPPOWER-TPVT2415-W2 Datasheet
234Kb / 4P
0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
More results

Similar Description - TPVT2415-W2

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPVT0503-W2 TOPPOWER-TPVT0503-W2 Datasheet
234Kb / 4P
0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPET-W2 TOPPOWER-TPET-W2 Datasheet
165Kb / 3P
0.25W 3KVDC Isolated Single Output SMD DC/DC Converters
TKA-W25 TOPPOWER-TKA-W25 Datasheet
485Kb / 3P
0.25W 3KVDC Isolated Miniature Single Output DC/DC Converters
TPAT-W2 TOPPOWER-TPAT-W2 Datasheet
726Kb / 4P
0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
TKE-W25 TOPPOWER-TKE-W25 Datasheet
818Kb / 4P
0.25W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TPV-W25 TOPPOWER-TPV-W25 Datasheet
790Kb / 3P
0.25W 3KVDC Isolated Single & Dual Output DC/DC Converters
TKA-W25 TOPPOWER-TKA-W25_V01 Datasheet
802Kb / 4P
0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPR-W25 TOPPOWER-TPR-W25_V01 Datasheet
786Kb / 3P
0.25W 3KVDC Isolated Single Output DC/DC Converters
TPV-W25 TOPPOWER-TPV-W25_V01 Datasheet
823Kb / 3P
0.25W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPA-W25 TOPPOWER-TPA-W25 Datasheet
715Kb / 3P
0.25W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com