Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRK Datasheet(PDF) 4 Page - International Rectifier

Part # IRK
Description  SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK Datasheet(HTML) 4 Page - International Rectifier

  IRK Datasheet HTML 1Page - International Rectifier IRK Datasheet HTML 2Page - International Rectifier IRK Datasheet HTML 3Page - International Rectifier IRK Datasheet HTML 4Page - International Rectifier IRK Datasheet HTML 5Page - International Rectifier IRK Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IRK.170, .230, .250 Series
4
Bulletin I27102 rev. C 05/02
www.irf.com
Thyristor
Diode
I
T(AV) / IF(AV) @ TC
V
DRM
V
RSM
V
RRM
170A
230A
250A
V
RRM
V
RSM
@ 85°C
@ 85°C
@ 85°C
1400
1500
2000
IRKH170-14D20
IRKH230-14D20
IRKH250-14D20
1400
1500
2000
IRKL170-14D20
IRKL230-14D20
IRKL250-14D20
1600
1700
2500
IRKH170-16D25
IRKH230-16D25
IRKH250-16D25
1600
1700
2500
IRKL170-16D25
IRKL230-16D25
IRKL250-16D25
1800
1900
2800
Not Available
IRKH230-18D28
Not Available
1800
1900
2800
Not Available
IRKL230-18D28
Not Available
2000
2100
3200
Not Available
IRKH230-20D32
Not Available
2000
2100
3200
Not Available
IRKL230-20D32
Not Available
M
3xIRKL...
3xIRKH...
3xIRKT...
Current-Source Inverters (also known as Sequentially
Commutated Inverters) use Phase Control (as op-
posed to Fast) Thyristors and Diodes.
The advantages of Current Source Inverters lie in their
ease control, absence of large commutation induc-
tances and limited fault currents.
Their simple construction, illustrated by the circuit on
the left, is further enhanced by the use of MAGN-A-
paks which allow the power circuit of an Inverter to be
realised with 6 capacitors and 9 MAGN-A-paks all
mounted on just one heatsink.
The optimal design of Current Source Inverters re-
quires the use of Diodes with blocking voltages greater
than those of the thyristors .
This departure from conventional half-bridge modules
is catered for by MAGN-A-pak range with Thyristors up
to 2000V and Diodes up to 3200V.
Current Source Inverters
Current Source Inverter using 9 MAGN-A-paks
MAGN-A-paks Suitable for Current Source Inverters
Application Notes
For all other parameters and characteristics refer to standard IRKH... and IRKL... modules.
Sinusoidal conduction @ TJ max.
Rectangular conduction @ TJ max.
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.170-
0.009
0.010
0.010
0.020
0.032
0.007
0.011
0.015
0.020
0.033 K/W
IRK.230-
0.009
0.010
0.010
0.020
0.032
0.007
0.011
0.015
0.020
0.033
IRK.250-
0.009
0.010
0.014
0.020
0.032
0.007
0.011
0.015
0.020
0.033
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com