Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985IBP-2.8 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2985IBP-2.8
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985IBP-2.8 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP2985IBP-2.8 Datasheet HTML 8Page - National Semiconductor (TI) LP2985IBP-2.8 Datasheet HTML 9Page - National Semiconductor (TI) LP2985IBP-2.8 Datasheet HTML 10Page - National Semiconductor (TI) LP2985IBP-2.8 Datasheet HTML 11Page - National Semiconductor (TI) LP2985IBP-2.8 Datasheet HTML 12Page - National Semiconductor (TI) LP2985IBP-2.8 Datasheet HTML 13Page - National Semiconductor (TI) LP2985IBP-2.8 Datasheet HTML 14Page - National Semiconductor (TI) LP2985IBP-2.8 Datasheet HTML 15Page - National Semiconductor (TI) LP2985IBP-2.8 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VIN =
VOUT(NOM) +1, TA = 25˚C, ON/OFF pin is tied to VIN. (Continued)
Dropout Voltage vs Temperature
Input Current vs Pin
10014027
10014029
GND Pin Current vs Temperature
Instantaneous Short Circuit Current
10014030
10014031
Load Transient Response
Load Transient Response
10014032
10014033
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com