Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKU91/16AS90 Datasheet(PDF) 8 Page - International Rectifier

Part # IRKU91/16AS90
Description  THYRISTOR/ THYRISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKU91/16AS90 Datasheet(HTML) 8 Page - International Rectifier

  IRKU91/16AS90 Datasheet HTML 1Page - International Rectifier IRKU91/16AS90 Datasheet HTML 2Page - International Rectifier IRKU91/16AS90 Datasheet HTML 3Page - International Rectifier IRKU91/16AS90 Datasheet HTML 4Page - International Rectifier IRKU91/16AS90 Datasheet HTML 5Page - International Rectifier IRKU91/16AS90 Datasheet HTML 6Page - International Rectifier IRKU91/16AS90 Datasheet HTML 7Page - International Rectifier IRKU91/16AS90 Datasheet HTML 8Page - International Rectifier IRKU91/16AS90 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRKU/V71, 91 Series
8
Bulletin I27135 rev. F 10/02
www.irf.com
Fig. 16 - On-state Power Loss Characteristics
Fig. 18 - On-state Voltage Drop Characteristics
Fig. 17 - On-state Voltage Drop Characteristics
Fig. 19 - Recovery Charge Characteristics
Fig. 20 - Recovery Current Characteristics
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
1 K/W
0.5 K/W
0.3
K/W
0.2
K/W
0
100
200
300
400
500
600
700
0
40 80 120 160 200 240 280 320 360
Total Output Current (A)
60°
(Rect)
3 x IRK.91.. Series
6-Pulse Midpoint
Connection Bridge
T
= 125°C
J
Io
1
10
100
1000
0.5
1
1.522.5
33.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
IRK.91.. Series
Per Junction
1
10
100
1000
0.511.5
22.5
33.5
4
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
IRK.71.. Series
Per Junction
20
40
60
80
100
120
140
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
100 A
50 A
I
= 200 A
TM
20 A
10 A
IRK.71.. Series
IRK.91.. Series
T = 125 °C
J
100
200
300
400
500
600
700
10 20 30 40 50 60 70 80 90 100
100 A
50 A
Rate Of Fall Of On-state Current - di/dt (A/µs)
I
= 200 A
TM
20 A
10 A
IRK.71.. Series
IRK.91.. Series
T = 125 °C
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com